Electronic Components Datasheet Search
  English  ▼

X  

PM3351-SW Datasheet(PDF) 85 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 85 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 81Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 82Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 83Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 84Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 85Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 86Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 87Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 88Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 89Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
79
MsgCode:
The 4-bit MsgCode field is only valid if the Special bit is set; in this case, it is
used to carry a message code that identifies the type of message carried by
the packet buffers to which this data descriptor points.
Msgcode
Interpretation
0000
reserved
0001
reserved
0010
reserved
0011
reserved
0100
Topology change notification message
0101
Forwarding tag deletion request message
0110
reserved
0111
ARP broadcast frame message
1000
reserved
1001
reserved
1010
reserved
1011
reserved
1100
reserved
1101
reserved
1110
reserved
1111
reserved
The FirstPB and LastPB fields contain the 24-bit addresses of the head and tail,
respectively, of the linked-list of packet buffers that are associated with this data
descriptor. If only one packet buffer is present in the linked-list, then the FirstPB and
LastPB pointers contain the same value. It is an error for the FirstPB field to be zero in
any valid data descriptor that points to an Ethernet frame; however, message data
descriptors (i.e., those used for exchanging messages between ELAN 1x100 devices)
may optionally have the FirstPB field set to zero, if the entire content of the message
can be placed in unused fields of the data descriptor. The NumPBs field contains the
count of the number of packet buffers contained within the linked-list of packet buffers,
and may range between 1 and 255.
The SrcPort and SrcChip fields indicate the source port index and the source device
index, respectively, on which the Ethernet frame entered the system. The value in the
SrcPort field will be always be a constant 0 as the ELAN 1x100 only has one MAC
channel; the value placed in the SrcChip field by any ELAN 1x100 device is assigned
as a system parameter during the device boot-up and initialization process, using data
obtained from the boot image. If the Learn bit is set in the data descriptor Flags field,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com