Electronic Components Datasheet Search
  English  ▼

X  

PM3351-SW Datasheet(PDF) 92 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 92 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 88Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 89Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 90Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 91Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 92Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 93Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 94Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 95Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 96Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
86
The 16-bit MulticastMask field is used to restrict broadcasts, multicasts and floods of
packets received on the MAC channel with which this local port descriptor is
associated. The 8 LSBs of this mask are always set to zero on the ELAN 1x100, while
the upper 8 bits of the mask correspond on a one-to-one basis to the eight possible
devices in the system. A device is permitted to be part of a multicast if its corresponding
bit in the MulticastMask field is set to a '1'. (Note that the bit in the MulticastMask
corresponding to the ELAN 1x100 device itself is always set to zero at initialization
time.) The MulticastMask field is logically ANDed with the global restriction mask
managed by the spanning tree protocol entity to permit broadcasts to be further
restricted to remove loops in the broadcast topology.
A 16-bit BackoffMask field is provided to allow the range of collision backoff values to
be adjusted via management access. The BackoffMask field contents are logically
ANDed with the standard pseudorandom backoff value generated according to the
IEEE 802.3 backoff timer computation algorithm. The uppermost 6 bits of the
BackoffMask must be set to zero. The lower 10 bits should normally be set to all-ones,
if the IEEE 802.3 standard backoff algorithm (which specifies a range of 0 to 1023 slot
times, inclusive) is to be adhered to; however, smaller ranges of backoff values may be
generated by reducing the number of '1' bits set in this mask.
The PortFlags field supplies several port-specific control bits that are used to determine
the operating mode of the switching firmware when handling Ethernet frames that are
received from or transmitted to this port. This field is formatted as:
76
5
43210
BackPEn
Special
Type
reserved
TXBlkd
RXBlkd
BackPRn
BackPEn:
If set, indicates that backpressure flow control is enabled for this port. This bit
is normally set via a configuration parameter at system initialization time.
Special:
If set, indicates that the data descriptors created for Ethernet frames received
on this MAC channel should have the Special flag bits set in their Flags fields,
causing them to be specially handled by the switching firmware. Normally set
to zero.
Type:
This 2-bit field is used to initialize the 2-bit frame Type subfield in the Flags
fields of data descriptors corresponding to Ethernet frames received on this
MAC channel. Normally set to 01 binary, corresponding to unicast frames
received on a local MAC channel.
TXBlkd:
If set, indicates that the MAC channel is blocked to transmit; i.e., no frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com