Electronic Components Datasheet Search
  English  ▼

X  

PM3351-SW Datasheet(PDF) 7 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 7 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 3Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 4Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 5Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 6Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 7Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 8Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 9Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 10Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 11Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
1
FEATURES
•
Single-chip, 1-port, full duplex or half duplex, 10/100BaseT switching device for
low-cost unmanaged and managed networks.
•
On-chip 50 MHz RISC CPU processor core, multi-channel DMA controller,
MAC-layer interface logic, FIFOs, PCI-based expansion port and a flexible
memory controller.
•
CPU supports background applications running on local OS (e.g., SNMP or
RMON), and real-time data oriented applications (e.g., frame forwarding and
filtering decisions).
•
Performs frame switching at a rate of 200 Mbit/s (full duplex), 100 Mbit/s (half
duplex).
•
Fully compatible with the PM3350, 8-port 10 Mbit/s switch device; may be used
to create a compact and inexpensive mixed 10/100 Mbit/s switching hub.
•
Store-and-forward operation with full error checking and filtering.
•
Filtering and switching at wire rates (up to 148,800 packets per second),
supporting a mix of Ethernet and IEEE 802.3 protocols.
•
Expansion port supports a peak system bandwidth of 1 Gbit/s, and is compatible
with industry-standard PCI bus (version 2.1).
•
Performs all address learning, address table management and aging functions
for up to 32,768 MAC addresses (limited by external memory). Address
learning rate of up to 100,000 addresses per second.
•
Maximum broadcast/multicast at wire rates with configurable broadcast storm
rate limiting.
•
Low-latency operation in both unicast and broadcast modes.
•
Implements the Link Partition function to isolate malfunctioning segments or
hosts.
•
IEEE 802.1d compliant spanning-tree transparent bridging supported on-chip,
with configurable aging time and frame lifetime control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com