Electronic Components Datasheet Search
  English  ▼

X  

PM3351-SW Datasheet(PDF) 83 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 83 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 79Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 80Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 81Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 82Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 83Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 84Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 85Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 86Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 87Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
77
31
24
23
16
15
8
7
0
Byte
Offset
Flags
NextDD
0
NumPBs
FirstPB
4
SrcPort
LastPB
8
SrcChip
HashBkt
12
NextDD:
24-bit pointer to next data descriptor in linked-list of data descriptors forming
message queue or transfer ring.
Flags:
8-bit data descriptor flags field, formatted as below.
FirstPB:
24-bit pointer to first packet buffer in linked-list of packet buffers containing
frame or message data. If NULL (zero), no packet buffer chain exists for this
data descriptor; this is only valid for special message data descriptors where
all message data can be contained within the 16-byte descriptor structure
itself.
NumPBs:
8-bit count of packet buffers in chain pointed to by FirstPB. If FirstPB is NULL
(zero), then this field can be used for message-specific purposes.
LastPB:
24-bit pointer to last packet buffer in linked-list of packet buffers pointed to by
FirstPB. If FirstPB is NULL (zero), then this field can be used for message-
specific purposes.
SrcPort:
8-bit source port index within device: indicates the MAC channel upon which
the frame was received. For the ELAN 1x100, this field wil be 0 since the
device only has one port. Only valid if the descriptor points to an Ethernet
frame that was actually received on a MAC channel; otherwise, can be used
for message-specific purposes.
HashBkt:
24-bit pointer to source or destination hash bucket. Only valid for Ethernet
frames; if the descriptor indicates a message, then this field can be used for
message-specific purposes.
SrcChip:
8-bit index of source device that received frame. For the ELAN 1x100 system,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com