Electronic Components Datasheet Search
  English  ▼

X  

PM3351-SW Datasheet(PDF) 75 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 75 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 71Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 72Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 73Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 74Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 75Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 76Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 77Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 78Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 79Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
69
parameters supplied during the generation of a boot image that control these addresses
is given next to the memory regions. A description of how these addresses may be
computed, as well as a sample memory map for a typical system configuration, is
provided later in this section.
0x000000
Switch Processor Operating Environment
BIGSTRUCTst
Packet Buffers
DDRINGst
Transfer rings
DISPSTRUCTst
Message Data Descriptors
HASHSTRUCTst
Hash Buckets
SMALLSTRUCTst
Forwarding Tags
BOOT_START
Boot Image Copy Area
Top of RAM
Switch Processor Operating Environment
The Switch Processor requires a small operating environment (i.e., data structures and
variables) for performing basic frame switching functions. This environment is set up in
the external RAM during the bootstrap initialization and configuration phase. The entire
operating environment occupies about 43 kbytes of space, and must be located starting
at address 0x000000 hex in the external memory. The operating environment excludes
the space used by Ethernet frame buffers and the queueing structures used to track
them, and also does not include the code, data or stack spaces that are needed by the
(optional) RTOS, UDP/IP stack, or SNMP agent firmware. The general layout of the
operating environment is as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com