Electronic Components Datasheet Search
  English  ▼

X  

PM3351-SW Datasheet(PDF) 73 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 73 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 69Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 70Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 71Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 72Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 73Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 74Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 75Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 76Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 77Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
67
2.
A destructive RAM test is performed over the entire RAM space with the
exception of the space occupied by the boot image itself. The RAM test is quite
simple, and consists of writing a known pseudorandom value to each location in
the RAM and then reading the data back. If the data read is not equal to that
written, then the RAM is considered to be defective, and the system cannot
begin operation. (The RAM self-test is not intended to be an exhaustive device
test aimed at unconditionally detecting a faulty RAM, but merely a fast and
simple test for a gross go/no-go check.)
Additional self-test routines will be implemented in the bootstrap firmware code as
developed.
In addition to the self-test functions performed upon system start-up, the ELAN 1x100
operating firmware also performs numerous checks of its internal state during normal
system operation. If an unrecoverable error is detected, the ELAN 1x100 will output a
status code to the LED register, and then attempt to restart itself (and possibly the
entire system) via the internal watchdog reset facility. If the internal watchdog reset
output (as driven onto the ERST* pin) is connected to the global system reset, then the
ELAN 1x100 will reset the entire system; otherwise, the ERST* pin should be monitored
by an external system master to determine when the ELAN 1x100 is halted due to
some fatal error, and must be reset in order to continue.
In general, LEDs 6 and 7 (i.e., the most significant bits of the LED register) are intended
to be used to provide a general failure indication; LED 5 indicates whether the failure
occurred at self-test and initialization time, or whether the failure occurred during normal
operation; and the rest of the LEDs supply a diagnostic code that can be used to
identify the cause of the failure.
The LEDs also serve to output special codes during system initialization and during
normal operation. In this case, LEDs 6 and 7 will not be lighted. LED 5 indicates
whether the status pertains to system initialization or normal operation. Codes output
during system initialization indicate the index of the bootstrap tag being processed
during the initialization process, and range from 0 to the maximum number of bootstrap
tags in the boot image.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com