Electronic Components Datasheet Search
  English  ▼

X  

PM3351-SW Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 75Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 76Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 77Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 78Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 79Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 80Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 81Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 82Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
73
Variable Name
Width
(bits)
Description
cdHStruct
24
Pointer to head of linked-list of free hash buckets
cdSStruct
24
Pointer to head of linked-list of forwarding tags
cdDFIFOwr
24
Pointer to head entry in Distribution FIFO
Error! No index
entries found.
Error!
No index
entries
found.
Error! No index entries found.
cdTotCollide
32
Total number of collisions encountered on MAC port
cdDStruct
24
Pointer to head of free data descriptor pool reserved for holding
messages
cdCurrentXPD
24
Temporary storage: holds address of expansion port descriptor
currently in use
cdLNR
32
Temporary save space for LNR register in Switch Processor
cdFirstHash
24
Temporary storage: holds the address of the first hash bucket
or forwarding tag in a chain of address table entries
cdHashIdxMask
16
Bitmask used to restrict the range of the hash key computed as
an index into the hash array
cdRefMask
16
Global bitmask restricting devices and ports to which multicasts
and broadcasts may be directed
* 8 LSBs are unused, set to zero
* 8 MSBs correspond to the eight possible devices in a system
cdChipNum
8
Logical chip number assigned to this ELAN 1x100
cdNumChips
8
Total number of ELAN chips in system (both ELAN 1x100 and
others)
cdPCIRefCount
8
Reference count to use during broadcasts
cdAgeTick
8
Aging task trigger flag
cdAgeEnable
8
Aging task enable flag
cdDDsInRingShift
16
Log2 of number of elements in each transfer ring structure
cdFPullTl
24
Pointer to tail of management frame being extracted from
internal transmit FIFO by firmware
cdFPullHd
24
Pointer to head of management frame being extracted from
internal transmit FIFO by firmware
cdFPullBytes
16
Number of bytes remaining for management frame being read
out of internal transmit FIFO by firmware
cdDispatchPCI
24
Pointer to next free message data descriptor to use for
queueing messages for background processing
cdFPush
24
Pointer to management frame being written into internal
transmit FIFO by firmware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com