| Electronic Components Datasheet Search |
|
PM3351-SW Datasheet(PDF) 96 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3351-SW Datasheet(HTML) 96 Page - PMC-Sierra, Inc |
|
96 / 268 page ![]() PM3351 ELAN 1X100 DATA SHEET PMC-970113 ISSUE 3 SINGLE PORT FAST ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 90 JabberErrors: 32-bit count of frames received on this MAC port that failed the FCS check and was longer than the preset maximum frame length. ShortErrors: 32-bit count of frames received on this MAC port that passed the FCS check but were below the preset minimum frame length (nominally 64 octets). FragErrors: 32-bit count of frames received on this MAC port that failed the FCS check and were below the preset minimum frame length. These frames are typically collision fragments. LimitErrors: 32-bit count of frames received on this MAC port that were dropped due to lack of buffer space to hold them (i.e., as a result of congestion). LengthErrors: 32-bit count of frames received on this MAC port that failed the IEEE 802.3 length check (i.e., the Length field within the frame was between 45 and 1499 inclusive, but did not match the actual frame length). TXErrors: 32-bit count of frames that were dropped while being transmitted out this MAC port. This counter is always zero during full-duplex operation; in half- duplex mode, it is incremented whenever a valid frame is dropped from the transmit FIFO due to late collision, excessive collisions, or excessive carrier deference. RxBcstFrames: 32-bit count of valid broadcast frames received on this port (that is, the destination address of the received frame is all-ones, corresponding to the IEEE 802.3 broadcast address). RXBcastOctets: 32-bit count of octets in valid broadcast frames received on this port. RxFloodFrames: 32-bit count of valid frames received on this port that were flooded to all ports on the spanning tree. A frame is flooded if the 48-bit destination address is not an IEEE 802.3 Group/Functional address (i.e., the LSB of the address is zero, indicating a unicast destination) and an entry for the destination address is not present in the address table. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |