Electronic Components Datasheet Search
  English  ▼

X  

PM3351-SW Datasheet(PDF) 86 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 86 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 82Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 83Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 84Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 85Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 86Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 87Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 88Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 89Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 90Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
80
then both of these fields are used to associate the source MAC address within the
Ethernet frame with a particular device and physical port. These fields are generally not
valid for message descriptors, in which case they contain message-specific information.
The HashBkt field holds the 24-bit local memory address of the address hash bucket
associated with either the source or destination MAC address in the Ethernet frame
header. If the Ethernet frame is to be broadcast (or the Learn bit is set, and the frame
must be flooded), the HashBkt field holds the memory address of the hash bucket
corresponding to the source MAC address in the source device's address space; if, on
the other hand, the frame is a unicast, then the HashBkt field contains the memory
address of the hash bucket for the destination MAC address in the destination device's
address space. The HashBkt field has a dual purpose: it is used to learn the memory
address of a source hash bucket during broadcasts and floods, and is also used to
indicate a target destination hash bucket to use in switching unicast frames once
address learning is complete. More details on the use of the HashBkt field in various
situations will be provided in subsequent sections. Note that the HashBkt field is not
used when the data descriptor does not point to an Ethernet frame (i.e., is a message
descriptor); in this case, it contains message-specific information.
Data descriptors are never cached by the Switch Processor, and hence the contents of
any data descriptor that is not actually being processed by the Switch Processor or ring
hardware may be read at any time via the PCI expansion port.
Transfer Rings
A set of fixed-size data structures, called
transfer rings, are used to control the transfer
of Ethernet frames and control/status messages to other devices interfaced to the
ELAN 1x100 via the PCI expansion bus. Each transfer ring is dedicated to a particular
external device, and points to frame or message data that must be sequentially
transferred to that device across the PCI bus. Transfer rings thus operate under a FIFO
queueing discipline. The general structure of the transfer rings is given below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com