Electronic Components Datasheet Search
  English  ▼

X  

PM3351-SW Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 4Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 5Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 6Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 7Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 8Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 9Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 10Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 11Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
2
•
Flow control supported for both full duplex and half duplex operation: supports
IEEE 802.3x PAUSE frame flow control in full-duplex mode, and supports user-
enabled backpressure flow control in half-duplex mode with configurable buffer
thresholds and limits.
•
Configuration, management, MIB statistics and diagnostics available in-band or
out-of-band.
•
Maintains and collects per-port and per-host statistics at wire rates, allowing a
network switch comprised of PM3351 and PM3350 chips to implement RMON
statistics (EtherStats and HostStats) using supplied on-chip firmware.
•
Interfaces directly to industry-standard 100 Mbit/s transceivers with no glue logic
via the built-in Medium Independent Interface (MII) port with full support for the
autonegotiation function implemented by the PHY devices.
•
Fully static CMOS operation at 50 MHz clock rates.
•
3.3 Volt core, 5 Volt compatible I/O
•
208 pin PQFP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com