Electronic Components Datasheet Search
  English  ▼

X  

PM3351-SW Datasheet(PDF) 101 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 101 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 97Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 98Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 99Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 100Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 101Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 102Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 103Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 104Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 105Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
95
list is traversed without finding a match, then the search is considered to have failed
(i.e., the specified source or destination MAC address is not present in the address
table), and an indication is accordingly passed to the Switch Processor by the
hardware.
On the ELAN 1x100, hash lookups are initiated at two different points in the frame
switching process. Firstly, the source and destination MAC addresses of all frames
received on the MAC port are looked up in the address table automatically by the DMA
Controller; this results in two hash lookup operations being performed for each
incoming frame. Secondly, another address table search is done if a frame was copied
over the PCI expansion bus and the Learn flag bit is set in the Flags field of the data
descriptor associated with the frame. This hash lookup is done on the source MAC
address within the frame.1
Hash Pointer Array
The hash pointer array is simply a linear array of 4-byte elements; each element
contains a pointer to a linked list of hash buckets and/or forwarding tags.
31
24
23
0
Unused
Pointer to bucket/tag (NULL if none)
...
Unused
Pointer to bucket/tag (NULL if none)
4N
Unused
Pointer to bucket/tag (NULL if none)
4N+4
Unused
Pointer to bucket/tag (NULL if none)
4N+8
Unused
Pointer to bucket/tag (NULL if none)
4N+12
Unused
Pointer to bucket/tag (NULL if none)
...
The hash pointer array occupies the locations in memory described by the address map
given previously. Initially, all the pointers in the array are set to zero (NULL), indicating
that no MAC addresses are present in the address table. As MAC addresses are
learned (or statically created), the hash buckets or forwarding tags corresponding to
these addresses are inserted into the address table, and the relevant pointers in the
array are updated to point to the linked-lists of hash buckets and/or forwarding tags.
Note that newly learned addresses are always placed at the head of any linked-list thus
created.
The size of the hash array, which determines the probability of collisions (i.e., the
probability that multiple MAC addresses will be associated with a single hash pointer
1 The setting of the Learn bit is an indication by the remote device that it has determined that the source
MAC address of the frame under question was not seen before by the system, and needs to be entered
into the address table; a hash lookup on the source MAC address is done first as a precaution, to ensure
that the MAC address does not already exist in the table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com