Electronic Components Datasheet Search
  English  ▼

X  

PM7340 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM7340
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM7340 Datasheet HTML 36Page - PMC-Sierra, Inc PM7340 Datasheet HTML 37Page - PMC-Sierra, Inc PM7340 Datasheet HTML 38Page - PMC-Sierra, Inc PM7340 Datasheet HTML 39Page - PMC-Sierra, Inc PM7340 Datasheet HTML 40Page - PMC-Sierra, Inc PM7340 Datasheet HTML 41Page - PMC-Sierra, Inc PM7340 Datasheet HTML 42Page - PMC-Sierra, Inc PM7340 Datasheet HTML 43Page - PMC-Sierra, Inc PM7340 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
23
Pin Name
Type
Pin
No.
Function
TDAT[15]
TDAT[14]
TDAT[13]
TDAT[12]
TDAT[11]
TDAT[10]
TDAT[9]
TDAT[8]
TDAT[7]
TDAT[6]
TDAT[5]
TDAT[4]
TDAT[3]
TDAT[2]
TDAT[1]
TDAT[0]
Input
H21
H20
F19
G22
G21
F22
G20
F21
E22
C20
E21
C22
E20
D21
C21
B22
The Transmit Cell Data (TDAT[15:0]) signals carry
the ATM cell octets that are transferred to the
internal cell buffer. When this interface is operating
in 8-bit mode, only TDAT[7:0] is used.
The TDAT[15:0] input bus is sampled on the rising
edge of TCLK.
TPRTY
Input
D20 The Transmit Parity (TPRTY) signal provides the
parity (programmable for odd or even parity) of the
TDAT[15:0] bus. The TPRTY signal is considered
valid only when valid data and inband address are
transferring as indicated by the TENB signal
asserted low or the TSX signal asserted high. When
this interface is operating in 8-bit mode, this signal
provides the parity of TDAT[7:0].
A parity error is indicated by a status bit and a
maskable interrupt.
The TPRTY input signal is sampled on the rising
edge of TCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com