Electronic Components Datasheet Search
  English  ▼

X  

PM7340 Datasheet(PDF) 16 Page - PMC-Sierra, Inc

Part # PM7340
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340 Datasheet(HTML) 16 Page - PMC-Sierra, Inc

Back Button PM7340 Datasheet HTML 12Page - PMC-Sierra, Inc PM7340 Datasheet HTML 13Page - PMC-Sierra, Inc PM7340 Datasheet HTML 14Page - PMC-Sierra, Inc PM7340 Datasheet HTML 15Page - PMC-Sierra, Inc PM7340 Datasheet HTML 16Page - PMC-Sierra, Inc PM7340 Datasheet HTML 17Page - PMC-Sierra, Inc PM7340 Datasheet HTML 18Page - PMC-Sierra, Inc PM7340 Datasheet HTML 19Page - PMC-Sierra, Inc PM7340 Datasheet HTML 20Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
xvi
REGISTER 0X1C0 – 0X1CE: TCAS LINK #0 TO LINK #7 CONFIGURATION148
REGISTER 0X200:RIPP CONTROL .............................................................. 149
REGISTER 0X202:RIPP INDIRECT MEMORY ACCESS CONTROL ............ 150
REGISTER 0X204 – 0X206:RIPP INDIRECT MEMORY DATA REGISTER
ARRAY............................................................................................. 152
REGISTER 0X20C: RIPP TIMER TICK CONFIGURATION REGISTER ........ 185
REGISTER 0X20E: GROUP TIMEOUT REGISTER # 1 ................................ 186
REGISTER 0X210: GROUP TIMEOUT REGISTER # 2................................. 187
REGISTER 0X212: TX LINK TIMEOUT REGISTER ...................................... 188
REGISTER 0X214: RX LINK TIMEOUT REGISTER ...................................... 189
REGISTER 0X216: RIPP INTERRUPT STATUS REGISTER......................... 190
REGISTER 0X218:RIPP GROUP INTERRUPT ENABLE REGISTER ........... 191
REGISTER 0X21A:RIPP TX LINK INTERRUPT ENABLE REGISTER .......... 192
REGISTER 0X21C:RIPP RX LINK INTERRUPT ENABLE REGISTER.......... 193
REGISTER 0X220-22C: RIPP COMMAND REGISTER ................................. 194
REGISTER 0X22E: COMMAND READ DATA CONTROL REGISTER........... 198
REGISTER 0X230: ICP CELL FORWARDING STATUS REGISTER ............. 199
REGISTER 0X232: ICP CELL FORWARDING CONTROL REGISTER ......... 200
REGISTER 0X240- 0X29E:RIPP COMMAND DATA REGISTER ARRAY ...... 201
REGISTER 0X2C0- 0X2FE: FORWARDING ICP CELL BUFFER.................. 212
REGISTER 0X300: RDAT INDIRECT MEMORY COMMAND ........................ 215
REGISTER 0X302: RDAT INDIRECT MEMORY ADDRESS.......................... 217
REGISTER 0X304: RDAT INDIRECT MEMORY DATA LSB .......................... 218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com