Electronic Components Datasheet Search
  English  ▼

X  

PM7340 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM7340
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM7340 Datasheet HTML 1Page - PMC-Sierra, Inc PM7340 Datasheet HTML 2Page - PMC-Sierra, Inc PM7340 Datasheet HTML 3Page - PMC-Sierra, Inc PM7340 Datasheet HTML 4Page - PMC-Sierra, Inc PM7340 Datasheet HTML 5Page - PMC-Sierra, Inc PM7340 Datasheet HTML 6Page - PMC-Sierra, Inc PM7340 Datasheet HTML 7Page - PMC-Sierra, Inc PM7340 Datasheet HTML 8Page - PMC-Sierra, Inc PM7340 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
ii
CONTENTS
1
DEFINITIONS .......................................................................................... 1
2
FEATURES .............................................................................................. 3
3
APPLICATIONS ....................................................................................... 8
4
REFERENCES......................................................................................... 9
5
APPLICATION EXAMPLES ................................................................... 10
5.1
MULTI-SERVICE ACCESS – IADS, ACCESS CONCENTRATORS
.................................................................................................... 10
5.2
REMOTE DSLAM WAN UPLINK................................................. 10
6
BLOCK DIAGRAM ................................................................................. 12
7
DESCRIPTION....................................................................................... 13
8
PIN DIAGRAM ....................................................................................... 15
9
PIN DESCRIPTION................................................................................ 16
9.1
RECEIVE SLAVE ATM INTERFACE (UTOPIA L2 MODE) (26
SIGNALS).................................................................................... 18
9.2
TRANSMIT SLAVE INTERFACE (ANY-PHY MODE) (30 SIGNALS)21
9.3
TRANSMIT SLAVE INTERFACE (UTOPIA L2 MODE) (26
SIGNALS).................................................................................... 24
9.4
MICROPROCESSOR INTERFACE (31 SIGNALS)..................... 26
9.5
SDRAM I/F (35 SIGNALS) .......................................................... 28
9.6
CLK/DATA (33 SIGNALS)............................................................ 31
9.7
GENERAL (5 SIGNALS) ............................................................. 35
9.8
JTAG & SCAN INTERFACE (7 SIGNALS) .................................. 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com