Electronic Components Datasheet Search
  English  ▼

X  

PM7340 Datasheet(PDF) 20 Page - PMC-Sierra, Inc

Part # PM7340
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340 Datasheet(HTML) 20 Page - PMC-Sierra, Inc

Back Button PM7340 Datasheet HTML 16Page - PMC-Sierra, Inc PM7340 Datasheet HTML 17Page - PMC-Sierra, Inc PM7340 Datasheet HTML 18Page - PMC-Sierra, Inc PM7340 Datasheet HTML 19Page - PMC-Sierra, Inc PM7340 Datasheet HTML 20Page - PMC-Sierra, Inc PM7340 Datasheet HTML 21Page - PMC-Sierra, Inc PM7340 Datasheet HTML 22Page - PMC-Sierra, Inc PM7340 Datasheet HTML 23Page - PMC-Sierra, Inc PM7340 Datasheet HTML 24Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
3
2
FEATURES
The PM7340 S/UNI-IMA-8 is a monolithic integrated circuit that implements the
Inverse Multiplexing for ATM (IMA 1.1) protocol with backward compatibility to
IMA 1.0 and the Transmission Convergence (TC) layer function. The S/UNI-
IMA-8 supports 8 T1, E1 or unchannelized links where each link is dynamically
configurable to support either IMA 1.1, backward compatible IMA 1.0, ATM over
T1/E1, ATM over fractional T1/E1 or ATM HEC cell delination for unchannelized
links Unchannelized links may be used to support applications such as ADSL.
Standards Supported
• ATM Forum Inverse Multiplexing for ATM Specification Version 1.1, March
1999
• ATM Forum Inverse Multiplexing for ATM Specification Version 1.0 – supports
the method of reporting Rx cell information as in Appendix C.8 of the ATM
Forum Inverse Multiplexing for ATM Specification Version 1.1 for symmetrical
configurations with M=128.
• I.432-1 B-ISDN user network interface – Physical Layer specification: General
characteristics
• I.432-3 B-ISDN user network interface – Physical Layer specification: 1544
kbps and 2048 kbps operation
• ATM on Fractional E1/T1, af-phy-0130.00 October, 1999
IMA Features
• IMA 1.1 protocol including group and link state machines implemented by on-
chip hardware.
•
Supports up to 4 simultaneous IMA groups.
•
Each IMA group can support any number of supported links.
• Each link can be programmed for either IMA processing or cell delineation.
• Supports all IMA Group Symmetry modes:
• Symmetrical configuration with symmetrical operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com