| Electronic Components Datasheet Search |
|
PM7340 Datasheet(PDF) 97 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7340 Datasheet(HTML) 97 Page - PMC-Sierra, Inc |
|
97 / 334 page ![]() PRELIMINARY INVERSE MULTIPLEXING OVER ATM PM7340 S/UNI-IMA-8 DATA SHEET PMC-2001723 ISSUE 3 INVERSE MULTIPLEXING OVER ATM PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 80 number of links for the rate calculation and is then passed on to the TIMA or RDAT to indicate the LIDs to include in the round robin. The IDCC will only change its rate at IMA frame boundaries. 10.2.6 Support of IMA Test Pattern Procedure S/UNI-IMA-8 supports the IMA test pattern procedure in both the TX direction (NE initiated) and RX direction (FE initiated). In the TX direction, the S/UNI-IMA-8 updates the TX test control info and TX test pattern field in the outgoing ICP cells, as prompted by the relevant Update_test_ptn command. Meanwhile, the S/UNI-IMA-8 will always compare the RX test pattern field received in the incoming ICP cells with the TX test pattern value being transmitted, and save the result on a per-link basis in the group context memory. In the RX direction, the S/UNI-IMA-8 always analyzes the TX test control info field in the incoming ICP cells. If the test link command field is set to “active”, the TX test pattern field in the incoming ICP cells on the selected link will be copied to the RX test pattern field in the outgoing ICP cells. Otherwise the RX test pattern field in the outgoing ICP cells will be filled with “0xFF”. 10.2.7 Support of Symmetric/Asymmetric Operation Modes S/UNI-IMA-8 supports all three possible group symmetry modes: symmetric configuration and symmetric operation; symmetric configuration and asymmetric operation; asymmetric configuration and asymmetric operation. For symmetric configuration, the number of TX and RX links in the group must be the same; for asymmetric configuration, that restriction does not apply. The support for asymmetric/symmetric operation modes is part of the S/UNI-IMA functionality.The symmetric operation mode is treated as a special case of the asymmetric operation, where the TX and RX LSM on the same physical link are inter-dependent. 10.2.8 Support of Different IMA Versions It should be noted that the technique used to report RX information over the Link Information fields in the ICP cells when the group is configured in the symmetrical configuration and operation mode differs in the IMA v1.1 implementations and the IMA v1.0 implementations. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |