Electronic Components Datasheet Search
  English  ▼

X  

PM7340 Datasheet(PDF) 63 Page - PMC-Sierra, Inc

Part # PM7340
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340 Datasheet(HTML) 63 Page - PMC-Sierra, Inc

Back Button PM7340 Datasheet HTML 59Page - PMC-Sierra, Inc PM7340 Datasheet HTML 60Page - PMC-Sierra, Inc PM7340 Datasheet HTML 61Page - PMC-Sierra, Inc PM7340 Datasheet HTML 62Page - PMC-Sierra, Inc PM7340 Datasheet HTML 63Page - PMC-Sierra, Inc PM7340 Datasheet HTML 64Page - PMC-Sierra, Inc PM7340 Datasheet HTML 65Page - PMC-Sierra, Inc PM7340 Datasheet HTML 66Page - PMC-Sierra, Inc PM7340 Datasheet HTML 67Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
46
high, respectively. The RPA
is driven with the cell
availability status one CLK
cycle after the RADR[4:0]
pins match the S/UNI-IMA-
8’s address. A match is
defined as either matching
the programmed value in
single PHY mode or being
within the correct range for
multi-PHY mode.
following the one that
samples RENB low or high,
respectively. The RPA is
driven with the cell
availability status two CLK
cycles after RADR[4:0] pins
match the S/UNI-IMA-8’s
address.
RSX
Undefined. It is low when not
high impedance.
High coincident with the first
word of the cell data
structure.
RSOP
High coincident with the first
word of the cell data
structure.
High coincident with the first
byte of the cell header.
Paused
transfers
Permitted by deasserting
RENB high, but the S/UNI-
IMA’s address must be
presented on RADR[4:0] the
last cycle RENB is high to
reselect the same PHY.
Not Permitted.
Autonomous
deselection
Not supported. A subsequent
cell is output (provided one is
available) if RENB is held
low beyond the end of a cell.
The outputs become high
impedance after the last
word of a cell is transferred
and until the S/UNI-IMA-8 is
reselected.
The cell format for the receive direction is the same as the transmit interface; see
Figure 7 and Figure 8 for the formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com