Electronic Components Datasheet Search
  English  ▼

X  

PM7340 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM7340
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM7340 Datasheet HTML 75Page - PMC-Sierra, Inc PM7340 Datasheet HTML 76Page - PMC-Sierra, Inc PM7340 Datasheet HTML 77Page - PMC-Sierra, Inc PM7340 Datasheet HTML 78Page - PMC-Sierra, Inc PM7340 Datasheet HTML 79Page - PMC-Sierra, Inc PM7340 Datasheet HTML 80Page - PMC-Sierra, Inc PM7340 Datasheet HTML 81Page - PMC-Sierra, Inc PM7340 Datasheet HTML 82Page - PMC-Sierra, Inc PM7340 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
62
10.2.4.2
Delay Compensation Buffers
Since IMA must re-create the original cell stream in the proper order, delay
compensation buffers (DCBs) are used to remove the differential delay between
the links in a group. As cells arrive from each link, they are placed in that link’s
DCB. Links with the least transport delay will have the largest amount of data in
the DCB, while links with the largest amount of transport delay will have the least
amount of data in the DCB.
At group start-up, all the links are compared to determine the link with the largest
transport delay and the link with the least transport delay. The difference between
these is the differential delay. Data is queued for all links until the corresponding
data arrives for the link with the largest transport delay. Figure 14, shows a group
with 3 links with a differential delay of 5 cells. Link 0 has the shortest transport
delay and link 2 has the longest transport delay. Once the data has arrived for all
of the links, it is played out to the ATM layer at the IDCC rate, thus keeping the
depths of each DCB at a nominally constant level. (Depths are instantaneously
effected by the presence of stuff cells and ICP cells, but these effects are
transitory).
Figure 14
- Snapshot of DCB Buffers
1
7
10
13
16
19
4
DCB
Link 0
2
8
11
5
3
6
DCB
Link 1
DCB
Link 2
Write
Pointer 0
Write
Pointer 1
Write
Pointer 2
Group
Read
Pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com