Electronic Components Datasheet Search
  English  ▼

X  

PM7340 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM7340
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM7340 Datasheet HTML 45Page - PMC-Sierra, Inc PM7340 Datasheet HTML 46Page - PMC-Sierra, Inc PM7340 Datasheet HTML 47Page - PMC-Sierra, Inc PM7340 Datasheet HTML 48Page - PMC-Sierra, Inc PM7340 Datasheet HTML 49Page - PMC-Sierra, Inc PM7340 Datasheet HTML 50Page - PMC-Sierra, Inc PM7340 Datasheet HTML 51Page - PMC-Sierra, Inc PM7340 Datasheet HTML 52Page - PMC-Sierra, Inc PM7340 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
32
Pin Name
Type
Pin No.
Function
TSDATA[7]
TSDATA[6]
TSDATA[5]
TSDATA[4]
TSDATA[3]
TSDATA[2]
TSDATA[1]
TSDATA[0]
Output
H4
J3
J2
J1
J4
K2
K1
K4
The Transmit Serial Data (TSDATA[7:0]) signals
contain the transmit data for the 8 independently
timed links. For channelized links, TSDATA[n]
contains the 24 (T1) or 31 (E1) time-slots that
comprise the channelized link. TSCLK[n] must be
gapped during the T1 framing bit position or the
E1 frame alignment signal (time-slot 0). The
S/UNI-IMA-8 uses the location of the gap to
determine the channel alignment on TSDATA[n].
For unchannelized links, TSDATA[n] contains the
ATM cell data. For certain transmission formats,
TSDATA[n] may contain place holder bits or time-
slots. TSCLK[n] must be externally gapped
during the place holder positions in the
TSDATA[n] stream.
The TSDATA[7:0] output signals are updated on
the falling edge of the corresponding TSCLK[7:0]
clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com