Electronic Components Datasheet Search
  English  ▼

X  

PM7340 Datasheet(PDF) 46 Page - PMC-Sierra, Inc

Part # PM7340
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340 Datasheet(HTML) 46 Page - PMC-Sierra, Inc

Back Button PM7340 Datasheet HTML 42Page - PMC-Sierra, Inc PM7340 Datasheet HTML 43Page - PMC-Sierra, Inc PM7340 Datasheet HTML 44Page - PMC-Sierra, Inc PM7340 Datasheet HTML 45Page - PMC-Sierra, Inc PM7340 Datasheet HTML 46Page - PMC-Sierra, Inc PM7340 Datasheet HTML 47Page - PMC-Sierra, Inc PM7340 Datasheet HTML 48Page - PMC-Sierra, Inc PM7340 Datasheet HTML 49Page - PMC-Sierra, Inc PM7340 Datasheet HTML 50Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
29
Pin Name
Type
Pin
No.
Function
CBA[11]
CBA[10]
CBA[9]
CBA[8]
CBA[7]
CBA[6]
CBA[5]
CBA[4]
CBA[3]
CBA[2]
CBA[1]
CBA[0]
Output
AA8
W7
Y9
AA9
AB9
W9
Y10
AA10
AB10
W10
AB11
W11
The Cell Buffer SDRAM Address (CBA[11:0])
signals identify the row address (CBA[11:0]) and
column address (CBA[7:0]) for the locations
accessed.
The CBA[11:0] output is updated on the rising edge
of SYSCLK.
CBBS[1]
CBBS[0]
Output
W12
AA12
The Cell Buffer SDRAM Bank Select (CBBS[1:0])
signals determine which bank of a dual/quad bank
Cell Buffer SDRAM chip is active. CBBS is
generated along with the row address when
CBRASB is asserted low.
The CBBS[1:0] outputs are updated on the rising
edge of SYSCLK.
CBDQM
Output
Y12
The Cell Buffer SDRAM Input/Output Data Mask
(CBDQM) signal is held high until the SDRAM
initialization is complete and then set low for normal
operation.
The CBDQM output is updated on the rising edge of
SYSCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com