Electronic Components Datasheet Search
  English  ▼

X  

PM7340 Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM7340
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340 Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM7340 Datasheet HTML 56Page - PMC-Sierra, Inc PM7340 Datasheet HTML 57Page - PMC-Sierra, Inc PM7340 Datasheet HTML 58Page - PMC-Sierra, Inc PM7340 Datasheet HTML 59Page - PMC-Sierra, Inc PM7340 Datasheet HTML 60Page - PMC-Sierra, Inc PM7340 Datasheet HTML 61Page - PMC-Sierra, Inc PM7340 Datasheet HTML 62Page - PMC-Sierra, Inc PM7340 Datasheet HTML 63Page - PMC-Sierra, Inc PM7340 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
43
UTOPIA L2 Mode the virtual PHY port must first be selected prior to the start of
the data transfer. This selection is done using the same address lines that are
used for polling in combination with the TENB pin.
Data transfers are cell based, that is, an entire cell is transferred from one PHY
device before another is selected. Polling occurs concurrently with cell transfers
to ensure maximum throughput. Data pausing is not supported in Any-PHY
mode. If the TENB is deasserted prior to a complete cell being transferred, the
cell transfer error will be triggered.
The Transmit Cell Transfer Format is shown in Figure 5 and Figure 6. Word/byte
0 is required for cell transfers to an Any-PHY slave. The address prepend is the
S/UNI-IMA-8 virtual PHY ID. The virtual PHY ID can be mapped to a TC link or to
an IMA group. Optional prepends are supported, but are ignored by the S/UNI-
IMA-8.
Inclusion of optional words is statically configurable for the interface. The optional
words are always ignored.
Figure 5
- 16-bit Transmit Cell Transfer Format
Bits 15-8
Bits 7-0
Word 0
(Any-PHY
only)
Address Prepend
Word 1
(Optional)
Optional Prepend
Word 2
H1
H2
Word 3
H3
H4
Word 4
HEC/UDF
Word 5
PAYLOAD1
PAYLOAD2
Word 6
PAYLOAD3
PAYLOAD4
••
••••••••
••••••••
Word 28
PAYLOAD47
PAYLOAD48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com