Electronic Components Datasheet Search
  English  ▼

X  

PM7340 Datasheet(PDF) 91 Page - PMC-Sierra, Inc

Part # PM7340
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340 Datasheet(HTML) 91 Page - PMC-Sierra, Inc

Back Button PM7340 Datasheet HTML 87Page - PMC-Sierra, Inc PM7340 Datasheet HTML 88Page - PMC-Sierra, Inc PM7340 Datasheet HTML 89Page - PMC-Sierra, Inc PM7340 Datasheet HTML 90Page - PMC-Sierra, Inc PM7340 Datasheet HTML 91Page - PMC-Sierra, Inc PM7340 Datasheet HTML 92Page - PMC-Sierra, Inc PM7340 Datasheet HTML 93Page - PMC-Sierra, Inc PM7340 Datasheet HTML 94Page - PMC-Sierra, Inc PM7340 Datasheet HTML 95Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
74
Read_delay
Reads a snapshot of the link-defect status and
link-delay information for all of the links within
the group. The delay information can be used to
determine differential delay, the link with the
most delay, and any other delay characteristics
of the group. The delay information is provided
in units of cells.
Adjust_delay
Adjusts the delay of a group by removing the
amount of specified delay. While the delay is
being adjusted, links cannot be added or
recovered for the group.
In addition to performing commands from the plane management, the RIPP
processes the ICP cells forwarded by the RDAT. When ICP cells arrive from a
group, they may be out of order in time due to differential delay between links.
The RIPP must examine the ICP cell and determine if it has any new information
that needs processing. This can be determined via the IMA frame number and
the SSCI field. When processing the ICP cells and the link states, attention must
be taken not to violate the group wide procedures. When link or group states are
changed, updated ICP cells are sent to the TIMA for transmission. Any state
changes are also communicated to the appropriate schedulers and round-robin
processors.
10.2.5.1
Group Start-up and Differential Delay
On group start-up, when at least Prx Links obtain IMA frame synchronization, the
links will be evaluated. As each link is evaluated, the differential delay of the
accepted links is tracked. If a link cannot be accepted because the acceptance of
the link would violate the programmed maximum DCB threshold (fastest link
minus current data read pointer), the link will remain in the unusable state and
begin to report a LODS defect. Accepted links will begin to report a usable state.
At this point, as additional links acquire frame sync, they are evaluated and either
are accepted or begin to report an LODS defect. When all links have acquired
frame sync or the timer has expired, the accepted receive links are reported as
active. If at least Prx links have been accepted, the group state machine
transitions to operational.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com