Electronic Components Datasheet Search
  English  ▼

X  

PM7340 Datasheet(PDF) 44 Page - PMC-Sierra, Inc

Part # PM7340
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340 Datasheet(HTML) 44 Page - PMC-Sierra, Inc

Back Button PM7340 Datasheet HTML 40Page - PMC-Sierra, Inc PM7340 Datasheet HTML 41Page - PMC-Sierra, Inc PM7340 Datasheet HTML 42Page - PMC-Sierra, Inc PM7340 Datasheet HTML 43Page - PMC-Sierra, Inc PM7340 Datasheet HTML 44Page - PMC-Sierra, Inc PM7340 Datasheet HTML 45Page - PMC-Sierra, Inc PM7340 Datasheet HTML 46Page - PMC-Sierra, Inc PM7340 Datasheet HTML 47Page - PMC-Sierra, Inc PM7340 Datasheet HTML 48Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
27
Pin Name
Type
Pin
No.
Function
WRB
Input
D9
The Write Strobe Bar (WRB) is an active low signal
that qualifies write accesses to the S/UNI-IMA-8
device. When the CSB is set low, the D[15:0] bus
contents are clocked into the addressed register on
the rising edge of WRB.
RDB
Input
A9
The Read Strobe Bar (RDB) is an active low signal
that qualifies read accesses to the S/UNI-IMA-8
device. When the CSB is set low, the S/UNI-IMA-8
device drives the D[15:0] bus with the contents of the
addressed register on the falling edge of RDB.
CSB
Input
B9
The Chip Select Bar (CSB) is an active low signal
that qualifies read/write accesses to the S/UNI-IMA-8
device. The CSB signal must be set low during read
and write accesses. When the CSB is set high, the
microprocessor-interface signals are ignored by the
S/UNI-IMA-8 device.
If the CSB is not required (register accesses are
controlled only by WRB and RDB), then it should be
connected to an inverted version of the RSTB signal.
INTB
Open-
Drain
Output
C9
The Interrupt Bar (INTB) is an active low signal
indicating that an enabled bit in the Master Interrupt
Register was set. When INTB is set low, the interrupt
is active and enabled. When INTB is tristate, there is
no interrupt pending or it is disabled.
INTB is an open drain output and should be pulled
high externally with a fast resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com