Electronic Components Datasheet Search
  English  ▼

X  

PM7340 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM7340
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM7340 Datasheet HTML 57Page - PMC-Sierra, Inc PM7340 Datasheet HTML 58Page - PMC-Sierra, Inc PM7340 Datasheet HTML 59Page - PMC-Sierra, Inc PM7340 Datasheet HTML 60Page - PMC-Sierra, Inc PM7340 Datasheet HTML 61Page - PMC-Sierra, Inc PM7340 Datasheet HTML 62Page - PMC-Sierra, Inc PM7340 Datasheet HTML 63Page - PMC-Sierra, Inc PM7340 Datasheet HTML 64Page - PMC-Sierra, Inc PM7340 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
44
Figure 6
- 8-bit Transmit Cell Transfer Format
Bits 7-0
Byte 0
(Any-PHY
only)
Address Prepend
Byte 1
(Optional)
Optional Prepend[15:8]
Byte 2
(Optional)
Optional Prepend[7:0]
Byte 3
H1
Byte 4
H2
Byte 5
H3
Byte 6
H4
Byte 7*
HEC
Byte 8
PAYLOAD1
•
••••
••••
Byte 55
PAYLOAD48
10.1.2 Receive Any-PHY/UTOPIA Slave (RXAPS)
In the receive direction, each S/UNI-IMA-8 transmits cells on an Any-
PHY/UTOPIA L2 compatible interface operating at clock rates up to 52 MHz and
supporting 16-bit and 8-bit wide data structures. The S/UNI-IMA-8 operates as a
bus slave.
In the 8 and 16-bit UTOPIA Level 2 Multi-Address Slave mode, the S/UNI-IMA-8
operates as an 8 port multi-PHY with each virtual PHY stored in it’s own FIFO. A
4-bit configuration register, RCAEN, controls the response to polling the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com