Electronic Components Datasheet Search
  English  ▼

X  

PM7340 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM7340
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM7340 Datasheet HTML 37Page - PMC-Sierra, Inc PM7340 Datasheet HTML 38Page - PMC-Sierra, Inc PM7340 Datasheet HTML 39Page - PMC-Sierra, Inc PM7340 Datasheet HTML 40Page - PMC-Sierra, Inc PM7340 Datasheet HTML 41Page - PMC-Sierra, Inc PM7340 Datasheet HTML 42Page - PMC-Sierra, Inc PM7340 Datasheet HTML 43Page - PMC-Sierra, Inc PM7340 Datasheet HTML 44Page - PMC-Sierra, Inc PM7340 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
24
9.3 Transmit Slave Interface (UTOPIA L2 mode) (26 Signals)
Pin Name
Type
Pin
No.
Function
TCLK
Input
E19
The Transmit Clock (TCLK) signal is used to
transfer cells across the ANY-PHY interface to the
internal downstream cell buffers.
The TCA output is updated on the rising edge of
TCLK.
The TENB, TSOC, TDAT[15:0], TPRTY, TADR[4:0]
inputs are sampled on the rising edge of TCLK.
The TCLK input must cycle at a 52 MHz or lower
instantaneous rate.
TCA
Tristate
Output
L22
The Transmit Cell Available (TCA) is an active high
signal that indicates the availability of space in the
selected logical channel FIFO when polled using the
TADR[4:0] signals.
The S/UNI-IMA-8 drives TCS with the cell space
availability status for the polled port one TCLK cycle
after a valid TADR[4:0] address is sampled.
The TCA output is high-impedance when not polled.
The TCA output is updated on the rising edge of
TCLK.
TENB
Input
L20
The Transmit enable bar (TENB) is an active low
signal that is used to indicate cell transfers to the
internal cell buffers.
The TENB input is sampled on the rising edge of
TCLK.
TADR[4]
TADR[3]
TADR[2]
TADR[1]
TADR[0]
Input
K21
K20
J19
J22
J21
The Transmit Address (TADR[4:0]) signals are
used to address logical channels for the purposes of
polling and device selection.
The TADR[4:0] input bus is sampled on the rising
edge of TCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com