Electronic Components Datasheet Search
  English  ▼

X  

PM7340 Datasheet(PDF) 98 Page - PMC-Sierra, Inc

Part # PM7340
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340 Datasheet(HTML) 98 Page - PMC-Sierra, Inc

Back Button PM7340 Datasheet HTML 94Page - PMC-Sierra, Inc PM7340 Datasheet HTML 95Page - PMC-Sierra, Inc PM7340 Datasheet HTML 96Page - PMC-Sierra, Inc PM7340 Datasheet HTML 97Page - PMC-Sierra, Inc PM7340 Datasheet HTML 98Page - PMC-Sierra, Inc PM7340 Datasheet HTML 99Page - PMC-Sierra, Inc PM7340 Datasheet HTML 100Page - PMC-Sierra, Inc PM7340 Datasheet HTML 101Page - PMC-Sierra, Inc PM7340 Datasheet HTML 102Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
81
The details of the differences between IMA v1.1 and IMA v1.0 can be found in
appendix C of the ATM Forum IMA 1.1 specification.
The S/UNI-IMA-8 is primarily designed to be IMA v1.1 compliant. However, it may
also be programmed to analyze the incoming ICP cells and generate outgoing
ICP cells using IMA v1.0 style, given the group is symmetrically configured. IMA
v1.0 is not supported for asymmetrical groups. Support of IMA V1.0 versus IMA
v1.1 is selectable on a per-group basis.
Since the rx link state is reported on the TX LID byte, the rx_link state is reported
as unusable prior to LID validation unlike in IMA 1.1 where it is reported as “Not
in Group” prior to LID validation.
10.2.9 SDRAM Interface
The S/UNI-IMA-8 uses the external SDRAM to buffer queued cells. The cell-
buffer SDRAM interface permits a single device, with 4M addressing capability,
for a total of 8 Mbytes of storage. It has a 16-bit wide data bus, with CRC-16
checking applied on a per-cell basis. Each cell takes up 64 bytes of memory. The
CRC-16 is applied to words 0 through 30. If an error occurs, an interrupt is sent
to the microprocessor, and the cell is sent to the ATM layer anyway.
The following diagram shows the cell storage map with the 64-byte memory
boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com