Electronic Components Datasheet Search
  English  ▼

X  

PM7340 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM7340
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM7340 Datasheet HTML 41Page - PMC-Sierra, Inc PM7340 Datasheet HTML 42Page - PMC-Sierra, Inc PM7340 Datasheet HTML 43Page - PMC-Sierra, Inc PM7340 Datasheet HTML 44Page - PMC-Sierra, Inc PM7340 Datasheet HTML 45Page - PMC-Sierra, Inc PM7340 Datasheet HTML 46Page - PMC-Sierra, Inc PM7340 Datasheet HTML 47Page - PMC-Sierra, Inc PM7340 Datasheet HTML 48Page - PMC-Sierra, Inc PM7340 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
28
9.5 SDRAM I/F (35 Signals)
Pin Name
Type
Pin
No.
Function
CBCSB
Output AB6
The Cell Buffer SDRAM Chip Select Bar (CBCSB)
is an active low signal used to control the SDRAM.
CBCSB, CBRASB, CBCASB, and CBWEB define
the command being sent to the SDRAM.
The CBCSB output is updated on the rising edge of
SYSCLK.
CBRASB
Output AB7
The Cell Buffer SDRAM Row Address Strobe Bar
(CBRASB) is an active low signal used to control the
SDRAM.
CBCSB, CBRASB, CBCASB, and CBWEB define
the command being sent to the SDRAM.
The CBRASB output is updated on the rising edge
of SYSCLK.
CBCASB
Output W6
The Cell Buffer SDRAM Column Address Strobe
Bar (CBCASB) is an active low signal used to
control the SDRAM.
CBCSB, CBRASB, CBCASB, and CBWEB define
the command being sent to the SDRAM.
The CBCASB output is updated on the rising edge
of SYSCLK.
CBWEB
Output Y8
The Cell Buffer SDRAM Write Enable Bar
(CBWEB) is an active low signal used to control the
SDRAM.
CBCSB, CBRASB, CBCASB, and CBWEB define
the command being sent to the SDRAM.
The CBWEB output is updated on the rising edge of
SYSCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com