Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 26 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 26 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 22Page - PMC-Sierra, Inc PM7347 Datasheet HTML 23Page - PMC-Sierra, Inc PM7347 Datasheet HTML 24Page - PMC-Sierra, Inc PM7347 Datasheet HTML 25Page - PMC-Sierra, Inc PM7347 Datasheet HTML 26Page - PMC-Sierra, Inc PM7347 Datasheet HTML 27Page - PMC-Sierra, Inc PM7347 Datasheet HTML 28Page - PMC-Sierra, Inc PM7347 Datasheet HTML 29Page - PMC-Sierra, Inc PM7347 Datasheet HTML 30Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
26
Document ID: PMC-1990267, Issue 3
5
Application Examples
The S/UNI-JET is configurable as:
• An ATM device
• A J2/E3/T3 framer
• A cell processor
As an ATM-PHY layer device, the S/UNI-JET connects on the line side to one J2/E3/T3 line
interface unit and on the system side, it interfaces with an ATM layer device, such as the PM7322
RCMP-800, over an 8- or 16-bit wide UTOPIA Level 2 interface. Refer to Figure 1.
Figure 1 S/UNI-JET Operating as an ATM PHY in an ATM Switch
As a J2/E3/T3 framer, the S/UNI-JET can be used in router, frame relay switch, and multiplexer
applications. Refer to Figure 2.
T1/E1 Line Card
PM4314
QDSX
J2/E3/T3 Line Card
J2/E3/T3
LIU
PM7347
S/UNI-JET
ATM Switch Core
Switch
Fabric
PM7322
RCMP-800
Egress
Device
OC-12 Line Card
PMD
OC-3 Line Cards
PM5355
S/UNI-622
PM5346
S/UNI-LITE
PM7348
S/UNI-
DUAL
PM5347
S/UNI-PLUS
PM7344
S/UNI-MPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com