Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 29 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 29 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 25Page - PMC-Sierra, Inc PM7347 Datasheet HTML 26Page - PMC-Sierra, Inc PM7347 Datasheet HTML 27Page - PMC-Sierra, Inc PM7347 Datasheet HTML 28Page - PMC-Sierra, Inc PM7347 Datasheet HTML 29Page - PMC-Sierra, Inc PM7347 Datasheet HTML 30Page - PMC-Sierra, Inc PM7347 Datasheet HTML 31Page - PMC-Sierra, Inc PM7347 Datasheet HTML 32Page - PMC-Sierra, Inc PM7347 Datasheet HTML 33Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
29
Document ID: PMC-1990267, Issue 3
7
Description
The PM7346 S/UNI-JET is an ATM physical layer processor with integrated DS3, E3, and J2
framers. It supports PLCP sublayer DS1, DS3, E1, and E3 processing and ATM cell delineation.
The S/UNI-JET contains:
• An Integral DS3 framer that provides DS3 framing and error accumulation in accordance
with ANSI T1.107, and T1.107a.
• An Integral E3 framer that provide E3 framing in accordance with ITU-T Recommendations
G.832 and G.751.
• An Integral J2 framer that provide J2 framing in accordance with ITU-T Recommendation
G.704 and I.432.
When configured for various transmission system sublayer processing, the S/UNI-JET accepts
and outputs the appropriate type of bipolar and unipolar signals as described in Table 2:
Table 2 Transmission System Sublayer Processing Acceptance and Output
Transmission System
Sublayer Processing
Acceptance and Output
DS3
Accepts and outputs both digital B3ZS-encoded bipolar and unipolar
signals compatible with M23 and C-bit parity applications.
E3
Accepts and outputs both HDB3-encoded bipolar and unipolar signals
compatible with G.751 and G.832 applications.
J2
Accepts and outputs both B8ZS-encoded bipolar and unipolar signals
compliant with G.704 and NTT 6.312 Mbit/s applications.
DS1, or E1
Accepts and outputs outputs unipolar signals with appropriate clock and
frame pulse signals for physical sublayer processing.
Other transmission systems
Provides a generic interface for physical sublayer processing.
In the DS3 receive direction, the S/UNI-JET frames to DS3 signals with a maximum average
reframe time of 1.5 ms and detects line code violations (LCV), loss of signal (LOS), framing bit
errors, parity errors, path parity errors, alarm indication signals (AIS), far end receive failure
(FERF), and idle code. The DS3 overhead bits are extracted and presented on serial outputs.
When in C-bit parity mode, the Path Maintenance Data Link (PMDL) and the Far End Alarm and
Control (FEAC) channels are extracted. HDLC receivers are provided for PMDL support. Valid
bit-oriented codes in the FEAC channels are also detected and are available through the
microprocessor port.
Table 3 Summary of Receive Detection Features
Transmission System
Sublayer Processing
Transmit or
Receive
Detected Features
DS3
Receive
LCV, LOS, framing bit errors, parity errors, path parity
errors, AIS, FERF, and idle code
E3
Receive
LCV, LOS, framing bit errors, AIS, and RAI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com