Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 54 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 54 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 50Page - PMC-Sierra, Inc PM7347 Datasheet HTML 51Page - PMC-Sierra, Inc PM7347 Datasheet HTML 52Page - PMC-Sierra, Inc PM7347 Datasheet HTML 53Page - PMC-Sierra, Inc PM7347 Datasheet HTML 54Page - PMC-Sierra, Inc PM7347 Datasheet HTML 55Page - PMC-Sierra, Inc PM7347 Datasheet HTML 56Page - PMC-Sierra, Inc PM7347 Datasheet HTML 57Page - PMC-Sierra, Inc PM7347 Datasheet HTML 58Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
54
Document ID: PMC-1990267, Issue 3
10
Functional Description
The S/UNI-JET contains the following blocks:
• DS3, E3, J2 Framer
• DS3, E3, J2 Transmitter
• RBOC Bit oriented code detector and XBOC Bit oriented code detector
• RDLC PMDL receiver and TDPR PMDL transmitter
• PMON Performance monitor and CPPM Cell and PLCP performance monitor
• SPLR PLCP layer receiver and SPLT SMDS PLCP Layer Transmitter
• ATMF ATM cell delineator
• PRGD Pseudo-random sequence generator/detector
• RXCP Receive cell processor and TXCP Transmit cell processor
• RXFF Receive FIFO and TXFF Transmit FIFO
• TTB Trail trace buffer
• JTAG Test access port
10.1
DS3 Framer
The DS3 Framer (T3-FRMR) Block integrates the circuitry required for decoding a
B3ZS-encoded signal and framing to the resulting DS3 bit stream. This block is directly
compatible with the M23 and C-bit parity DS3 applications.
The T3-FRMR decodes a B3ZS-encoded signal and provides indications of LCV (LCV). The
B3ZS decoding algorithm and the LCV definition can be independently chosen through software.
A LOS defect is also detected for B3ZS encoded streams. LOS is declared when inputs RPOS and
RNEG contain zeros for 175 consecutive RCLK cycles. LOS is removed when the ones density
on RPOS and/or RNEG is greater than 33% for 175 ±1 RCLK cycles.
The framing algorithm simultaneously examines five F-bit candidates. When at least one
discrepancy has occurred in each candidate, the algorithm examines the next set of five. When a
single F-bit candidate remains in a set, the first bit in the supposed M-subframe is examined for
the M-frame alignment signal such as, the M-bits, M1, M2, and M3 are following the 010 pattern.
If the M-bits are correct for three consecutive M-frames while no discrepancies have occurred in
the F-bit, framing is declared and out-of-frame (OOF) is removed. During the examination of the
M-bits, the X-bits and P-bits are ignored. The algorithm gives a maximum average reframe time
of 1.5 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com