Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 58 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 58 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 54Page - PMC-Sierra, Inc PM7347 Datasheet HTML 55Page - PMC-Sierra, Inc PM7347 Datasheet HTML 56Page - PMC-Sierra, Inc PM7347 Datasheet HTML 57Page - PMC-Sierra, Inc PM7347 Datasheet HTML 58Page - PMC-Sierra, Inc PM7347 Datasheet HTML 59Page - PMC-Sierra, Inc PM7347 Datasheet HTML 60Page - PMC-Sierra, Inc PM7347 Datasheet HTML 61Page - PMC-Sierra, Inc PM7347 Datasheet HTML 62Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
58
Document ID: PMC-1990267, Issue 3
E3 LOF detection is provided as recommended by ITU-T G.783 with programmable integration
periods of 1 ms, 2 ms, or 3 ms. While integrating up to assert LOF, the counter will integrate up
when the framer asserts an OOF condition and integrates down when the framer de-asserts the
OOF condition. Once an LOF is asserted, the framer must not assert OOF for the entire
integration period before LOF is de-asserted.
The E3-FRMR can also be enabled to automatically assert the RAI/FERF indication in the
outgoing transmit stream upon detection of any combination of LOS, OOF or AIS. The
E3-FRMR can also be enabled to automatically insert G.832 FEBE upon detection of receive
BIP-8 errors.
10.3
J2 Framer
The J2-FRMR integrates circuitry to decode a unipolar or B8ZS encoded signal and frame to the
resulting 6312 kbps J2 bit stream. Having found frame, the J2-FRMR extracts a variety of
overhead and datalink information from the J2 bit stream.
The J2 format consists of 789-bit frames, each 125 µs long, consisting of 96 bytes of payload, 2
reserved bytes, and five F-bits. The frames are grouped into 4-frame multiframes. The multiframe
format is described in Table 4.
Table 4 Multiframe Format
Bit
#
1-8
..
761-768
769-776
777-784
785
786
787
788
789
1
TS1[1:8]
..
TS96[1:8]
TS97[1:8]
TS98[1:8]
1
1
0
0
m
2
TS1[1:8]
..
TS96[1:8]
TS97[1:8]
TS98[1:8]
1
0
1
0
0
3
TS1[1:8]
..
TS96[1:8]
TS97[1:8]
TS98[1:8]
x1
x2
x3
a
m
4
TS1[1:8]
..
TS96[1:8]
TS97[1:8]
TS98[1:8]
e1
e2
e3
e4
e5
Notes
1.
TS1 . TS96 are the byte interleaved payloads.
8.
TS97, TS98 are reserved channels for signaling.
9.
The Frame Alignment Signal is represented as binary ones and zeroes.
10. m is a 4-kHz datalink.
11. x1, x2, and x3 are spare bits, usually logic one.
12. a is the remote LOF alarm bit, active high.
13. e1.e5 represent the CRC-5 check sequence. The entire 3156-bit multiframe, including the CRC-5
check sequence, should have a remainder of 0 when divided by x5 + x4 + x2 + 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com