Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 36 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 36 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 32Page - PMC-Sierra, Inc PM7347 Datasheet HTML 33Page - PMC-Sierra, Inc PM7347 Datasheet HTML 34Page - PMC-Sierra, Inc PM7347 Datasheet HTML 35Page - PMC-Sierra, Inc PM7347 Datasheet HTML 36Page - PMC-Sierra, Inc PM7347 Datasheet HTML 37Page - PMC-Sierra, Inc PM7347 Datasheet HTML 38Page - PMC-Sierra, Inc PM7347 Datasheet HTML 39Page - PMC-Sierra, Inc PM7347 Datasheet HTML 40Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
36
Document ID: PMC-1990267, Issue 3
Pin Name
Type
Pin
No.
Function
RNEG
RLCV
ROHM
Input
C5
The Receive Digital Negative Pulse (RNEG) contains the
negative pulses received on the B3ZS encoded DS3, the
HDB3-encoded E3, or the B8ZS-encoded J2
transmission system when the dual-rail NRZ input format
is selected.
The Receive LCV (RLCV) contains LCV indications when
the single-rail (unipolar) NRZ input format is enabled for
DS3, E3, or J2 applications. Each LCV is represented by
an RCLK period-wide pulse.
When a DS1 or E1 PLCP or ATM direct-mapped signal is
received, Receive Overhead Mask (ROHM) is pulsed
once per transmission frame, and indicates the DS1 or
E1 frame alignment relative to the RDATI data stream.
When an alternate frame-based signal is received,
ROHM indicates the position of each overhead bit in the
transmission frame.
The RNEG/RLCV/ROHM pin function selection is
controlled by the RFRM[1:0] bits in the S/UNI-JET
Receive Configuration Register, the UNI bits in the DS3
FRMR, E3 FRMR, or J2 FRMR Configuration Register,
and the PLCPEN and EXT bits in the SPLR
Configuration Register.
RNEG, RLCV, and ROHM are sampled on the rising
edge of RCLK by default, and may be enabled to be
sampled on the falling edge of RCLK. This sampling is
controlled by the RCLKINV bit in the S/UNI-JET Receive
Configuration Register.
Note: Signal polarity control is provided by the RNEGINV
bit in the S/UNI-JET Receive Configuration Register.
RCLK
Input
A4
The Receive Clock (RCLK) provides the receive direction
timing. RCLK is the externally recovered transmission
system baud rate clock that samples the RPOS/RDATI
and RNEG/RLCV/ROHM inputs on its rising or falling
edge.
TOHINS
Input
J4
The Transmit DS3/E3/J2 Overhead Insertion (TOHINS)
controls the insertion of the DS3, E3, or J2 overhead bits
from the TOH input.
When TOHINS is high, the associated overhead bit in the
TOH stream is inserted in the transmitted DS3, E3, or J2
frame. When TOHINS is low, the DS3, E3, or J2
overhead bit is generated and inserted internally.
TOHINS is sampled on the rising edge of TOHCLK. If
TOHINS is a logic one, the TOH input has precedence
over the internal datalink transmitter, or any internal
register bit setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com