Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 34 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 34 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 30Page - PMC-Sierra, Inc PM7347 Datasheet HTML 31Page - PMC-Sierra, Inc PM7347 Datasheet HTML 32Page - PMC-Sierra, Inc PM7347 Datasheet HTML 33Page - PMC-Sierra, Inc PM7347 Datasheet HTML 34Page - PMC-Sierra, Inc PM7347 Datasheet HTML 35Page - PMC-Sierra, Inc PM7347 Datasheet HTML 36Page - PMC-Sierra, Inc PM7347 Datasheet HTML 37Page - PMC-Sierra, Inc PM7347 Datasheet HTML 38Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
34
Document ID: PMC-1990267, Issue 3
9
Pin Description
Pin Name
Type
Pin
No.
Function
TPOS
TDATO
Output
C6
The Transmit Digital Positive Pulse (TPOS) contains the
positive pulses transmitted on the B3ZS-encoded DS3,
HDB3-encoded E3, or B8ZS-encoded J2 transmission
system when the dual-rail output format is selected.
The Transmit Data (TDATO) contains the transmit data
stream when the single-rail (unipolar) output format is
enabled or when a non-DS3/E3/J2 based transmission
system is selected.
The TPOS/TDATO pin function selection is controlled by
the TFRM[1:0] and the TUNI bits in the S/UNI-JET
Transmit Configuration Register. Output signal polarity
control is provided by the TPOSINV bit in the S/UNI-JET
Transmit Configuration Register.
Both TPOS and TDATO are updated on the falling edge
of TCLK by default, and may be configured for update on
the rising edge of TCLK through the TCLKINV bit in the
S/UNI-JET Transmit Configuration Register. Also, both
TPOS and TDATO can be updated on the rising edge of
TICLK, enabled by the TICLK bit in the S/UNI-JET
Transmit Configuration Register.
TNEG
TOHM
Output
A5
The Transmit Digital Negative Pulse (TNEG) contains the
negative pulses transmitted on the B3ZS-encoded DS3,
HDB3-encoded E3, or B8ZS-encoded J2 transmission
system when the dual-rail NRZ output format is selected.
The Transmit Overhead Mask (TOHM) indicates the
position of overhead bits (non-payload bits) in the
transmission system stream aligned with TDATO. TOHM
indicates the location of the M-frame boundary for DS3,
the position of the frame boundary for E3, and the
position of the multi-frame boundary for J2 when the
single-rail (unipolar) NRZ input format is enabled.
When a PLCP formatted signal is transmitted, TOHM is
set to logic one once per transmission frame, and
indicates the DS1 or E1 frame alignment.
When a non-PLCP, non-DS3, non-E3, or non-J2 based
signal is transmitted, TOHM is a delayed version of the
TIOHM input, and indicates the position of each
overhead bit in the transmission frame. TOHM is updated
on the falling edge of TCLK.
The TNEG/TOHM pin function selection is controlled by
the TFRM[1:0] and the TUNI bits in the S/UNI-JET
Transmit Configuration Register. Output signal polarity
control is provided by the TNEGINV bit in the S/UNI-JET
Transmit Configuration Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com