Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 15 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 15 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 11Page - PMC-Sierra, Inc PM7347 Datasheet HTML 12Page - PMC-Sierra, Inc PM7347 Datasheet HTML 13Page - PMC-Sierra, Inc PM7347 Datasheet HTML 14Page - PMC-Sierra, Inc PM7347 Datasheet HTML 15Page - PMC-Sierra, Inc PM7347 Datasheet HTML 16Page - PMC-Sierra, Inc PM7347 Datasheet HTML 17Page - PMC-Sierra, Inc PM7347 Datasheet HTML 18Page - PMC-Sierra, Inc PM7347 Datasheet HTML 19Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
15
Document ID: PMC-1990267, Issue 3
List of Tables
Table 1 Supported Operating Formats............................................................................17
Table 2 Transmission System Sublayer Processing Acceptance and Output................29
Table 3 Summary of Receive Detection Features ..........................................................29
Table 4 Multiframe Format ..............................................................................................58
Table 5 C1 Octet Pattern.................................................................................................74
Table 6 Register Memory Map ........................................................................................76
Table 7 STATSEL[2:0] Options .......................................................................................86
Table 8 TFRM[1:0] Transmit Frame Structure Configurations ........................................88
Table 9 LOF[1:0] Integration Period Configuration .........................................................90
Table 10 RFRM[1:0] Receive Frame Structure Configurations ......................................90
Table 11 SPLR FORM[1:0] Configurations .....................................................................99
Table 12 PLCP LOF Declaration/Removal Times.........................................................104
Table 13 SPLT FORM[1:0] Configurations ...................................................................107
Table 14 DS3 FRMR EXZS/LCV Count Configurations................................................131
Table 15 DS3 FRMR AIS Configurations ......................................................................132
Table 16 E3 FRMR FORMAT[1:0] Configurations ........................................................141
Table 17 E3 TRAN FORMAT[1:0] Configurations.........................................................154
Table 18 J2 FRMR LOS Threshold Configurations.......................................................161
Table 19 RDLC PBS[2:0] Data Status...........................................................................178
Table 20 RXCP-50 HCS Filtering Configurations .........................................................193
Table 21 RXCP-50 Cell Delineation Algorithm Base ....................................................193
Table 22 RXCP-50 LCD Integration Periods.................................................................201
Table 23 TXCP-50 FIFO Depth Configurations ............................................................213
Table 24 TTB Payload Type Match Configurations ......................................................227
Table 25 PRGD Pattern Detector Register Configuration.............................................237
Table 26 PRGD Generated Bit Error Rate Configurations............................................243
Table 27 Test Mode Register Memory Map..................................................................249
Table 28
Test Mode 0 Input Read Address Locations .................................................251
Table 29 Test Mode 0 Output Write Address Locations ...............................................253
Table 30 Instruction Register ........................................................................................255
Table 31 Identification Register.....................................................................................256
Table 32 Boundary Scan Register ................................................................................256
Table 33 Register Settings for Basic Configurations.....................................................260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com