Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 42 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 42 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 38Page - PMC-Sierra, Inc PM7347 Datasheet HTML 39Page - PMC-Sierra, Inc PM7347 Datasheet HTML 40Page - PMC-Sierra, Inc PM7347 Datasheet HTML 41Page - PMC-Sierra, Inc PM7347 Datasheet HTML 42Page - PMC-Sierra, Inc PM7347 Datasheet HTML 43Page - PMC-Sierra, Inc PM7347 Datasheet HTML 44Page - PMC-Sierra, Inc PM7347 Datasheet HTML 45Page - PMC-Sierra, Inc PM7347 Datasheet HTML 46Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
42
Document ID: PMC-1990267, Issue 3
Pin Name
Type
Pin
No.
Function
REF8KO
RPOHFP
RFPO
RMFPO
Output
U12
The Reference 8kHz Output (REF8KO) is an 8kHz
reference derived from the receive clock (RCLK). A free-
running divide-down counter is used to generate
REF8KO so it will not “glitch” on reframe actions.
REF8KO will pulse high for approximately one RCLK
cycle every 125 µs. REF8KO should be treated as a
“glitch-free” asynchronous signal.
The Receive PLCP Overhead Frame Position (RPOHFP)
locates the individual PLCP path overhead bits in the
receive overhead data stream, RPOH. RPOHFP is logic
one while bit 1 (the most significant bit) of the path user
channel octet (F1) is present in the RPOH stream.
RPOHFP is updated on the falling edge of RPOHCLK.
RPOHFP is available when the PLCPEN register bit is
logic one in the SPLR Configuration Register.
The Framer Receive Frame Pulse/Multi-frame Pulse
(RFPO/RMFPO) is valid when the S/UNI-JET is
configured to be in framer only mode. The 8KREFO bit
must be set to logic zero in the S/UNI-JET Configuration
Register.
RFPO is aligned to RDATO and indicates the position of
the first bit in each DS3 M-subframe, the first bit in each
G.751 E3 or G.832 E3 frame, or the first framing bit in
each J2 frame
RMFPO is aligned to RDATO and indicates the position
of the first bit in each DS3 M-frame, the first bit in each
G.751 or G.832 E3 multiframe, or the first framing bit in
each J2 multiframe.
RFPO/RMFPO is updated on either the falling or rising
edge of RSCLK depending on the setting of the RSCLKR
bit in the S/UNI-JET Receive Configuration Register.
RPOH
ROVRHD
Output
V13
The Receive PLCP Overhead Data (RPOH) contains the
PLCP path overhead octets (Zn, F1, B1, G1, M1, M2,
and C1) extracted from the received PLCP frame when
the PLCP layer is in-frame. When the PLCP layer is in
the LOF state, RPOH is forced to all ones. The octet data
on RPOH is shifted out in order from the most significant
bit (bit 1) to the least significant bit (bit 8).
RPOH is updated on the falling edge of RPOHCLK.
The Framer Receive Overhead Indication (ROVRHD) is
valid when the S/UNI-JET is configured as a DS3, E3, or
J2 framer for non-ATM applications by setting the
FRMRONLY bit in the S/UNI-JET Configuration 1
Register. ROVRHD will be high whenever the data on
RDATO corresponds to an overhead bit position.
ROVRHD is updated on the either the falling or rising
edge of RSCLK depending on the setting of the RSCLKR
bit in the S/UNI-JET Receive Configuration Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com