Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 48 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 48 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 44Page - PMC-Sierra, Inc PM7347 Datasheet HTML 45Page - PMC-Sierra, Inc PM7347 Datasheet HTML 46Page - PMC-Sierra, Inc PM7347 Datasheet HTML 47Page - PMC-Sierra, Inc PM7347 Datasheet HTML 48Page - PMC-Sierra, Inc PM7347 Datasheet HTML 49Page - PMC-Sierra, Inc PM7347 Datasheet HTML 50Page - PMC-Sierra, Inc PM7347 Datasheet HTML 51Page - PMC-Sierra, Inc PM7347 Datasheet HTML 52Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
48
Document ID: PMC-1990267, Issue 3
Pin Name
Type
Pin
No.
Function
RCA
Output
N19
The Receive Multi-PHY Cell Available (RCA) signal
indicates when a cell is available in the receive FIFO for
the device selected by RADR[2:0].
RCA can be configured to be de-asserted when either
zero or four bytes remain in the selected/addressed
FIFO. RCA will thus transition low on the rising edge of
RFCLK after Payload byte 48 (RCALEVEL0=1) or 43
(RCALEVEL0=0) is output for the 8-bit interface
(ATM8=1), or after Payload word 24 (RCALEVEL0=1) or
19 (RCALEVEL0=0) is output for the 16-bit interface
(ATM8=0) if the PHY being polled is the same as the
selected device.
RCA is tri-stated when either the null-PHY address (7H)
or an address not matching the address space set by
PHY_ADR[2:0] is latched (by RFCLK) from the
RADR[2:0] inputs.
The polarity of RCA (with respect to the description
above) is inverted when the RCAINV register bit is set to
logic one.
RFCLK
Input
P20
The Receive FIFO Read Clock (RFCLK) signal is used
to read ATM cells from the receive FIFOs. RFCLK must
cycle at a 52 MHz or lower instantaneous rate, but at a
high enough rate to avoid FIFO overflows.
DRCA
Output
L17
The Direct Access Receive Cell Available (DRCA) output
signals indicate when a cell is available in the receive
FIFO.
DRCA can be configured to be de-asserted when either
zero or four bytes remain in the FIFO. DRCA will thus
transition low on the rising edge of RFCLK after Payload
byte 48 (RCALEVEL0=1) or 43 (RCALEVEL0=0) is
output for the 8-bit interface (ATM8=1), or after Payload
word 24 (RCALEVEL0=1) or 19 (RCALEVEL0=0) is
output for the 16-bit interface (ATM8=0).
The DRCA outputs can be used to support Utopia Direct
Access mode.
PHY_ADR[2]
PHY_ADR[1]
PHY_ADR[0]
Input
K18
L20
L19
The Device Identification Address (PHY_ADR[2:0])
inputs represent the address space which this S/UNI-JET
occupies.
When the PHY_ADR[2:0] inputs match the TADR[2:0] or
RADR[2:0] inputs, then this S/UNI-JET is selected for
transmit or receive ATM access.
Note: The null-PHY address 7H is an invalid address and
will not select the S/UNI-JET. The S/UNI-JET can be
used directly in applications requiring 7 or fewer ports.
Applications requiring more than 7 ports may require
external decoding of the Utopia address to avoid bus
contention.
CSB
Input
C9
The Active low Chip Select (CSB) signal must be low to
enable S/UNI-JET register accesses. If CSB is not used,
(RDB and WRB determine register reads and writes)
then it should be tied to an inverted version of RSTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com