Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 66 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 66 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 62Page - PMC-Sierra, Inc PM7347 Datasheet HTML 63Page - PMC-Sierra, Inc PM7347 Datasheet HTML 64Page - PMC-Sierra, Inc PM7347 Datasheet HTML 65Page - PMC-Sierra, Inc PM7347 Datasheet HTML 66Page - PMC-Sierra, Inc PM7347 Datasheet HTML 67Page - PMC-Sierra, Inc PM7347 Datasheet HTML 68Page - PMC-Sierra, Inc PM7347 Datasheet HTML 69Page - PMC-Sierra, Inc PM7347 Datasheet HTML 70Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
66
Document ID: PMC-1990267, Issue 3
The PRGD can be programmed to generate any pseudo-random pattern with length up to 232-1
bits or any user programmable bit pattern from 1 to 32 bits in length. The PRGD can also insert
single bit errors or a bit error rate between 10-1 to 10-7.
The PRGD can be programmed to check for the presence of the generated pseudo-random
pattern. The PRGD can perform an auto-synchronization to the expected pattern, and generate
interrupts on detection and loss of the specified pattern. The PRGD can accumulate the total
number of bits received and the total number of bit errors in two saturating 32-bit counters. The
counters accumulate over an interval defined by writes to the S/UNI-JET Identification/Master
Reset, and Global Monitor Update Register (006H) or by writes to any PRGD accumulation
register. When an accumulation is forced by either method, then the holding registers are updated,
and the counters reset to begin accumulating for the next interval. The counters are reset in such a
way that no events are missed. The data is then available in the holding registers until the next
accumulation. In addition to the two counters, a record of the 32 bits received immediately prior
to the accumulation is available.
The PRGD may also be programmed to check for repetitive sequences. When configured to
detect a pattern of length N bits, the PRGD will load N bits from the detected stream, and
determine whether the received pattern repeats itself every N subsequent bits. Should it fail to
find such a pattern, it will continue loading and checking until it finds a repetitive pattern. All the
features (error counting, auto-synchronization, etc.) available for pseudo-random sequences are
also available for repetitive sequences. Whenever a PRGD accumulation is forced, the PRGD
stores a snapshot of the 32 bits received immediately prior to the accumulation. This snapshot
may be examined in order to determine the exact nature of the repetitive pattern received by
PRGD.
The pseudo-random or repetitive pattern can be inserted/extracted in the PLCP payload (if PLCP
framing is enabled) or in the DS3, E3, J2, or Arbitrary framing format payload (if PLCP framing
is disabled). It cannot be inserted into the ATM cell payload.
10.10 RXCP-50 Receive Cell Processor
The Receive Cell Processor (RXCP-50) Block integrates circuitry to support:
• Scrambled or unscrambled cell payloads.
• Scrambled or unscrambled cell headers.
• HCS verification.
• Idle cell filtering.
• Performance monitoring.
The RXCP-50 operates upon a delineated cell stream. For PLCP based transmissions systems,
cell delineation is performed by the SPLR. For non-PLCP based transmission systems, cell
delineation is performed by the ATMF. Framing status indications from these blocks ensure that
cells are not written to the RXFF while the SPLR is in the LOF state, or cells are not written to
the RXFF while the ATMF is in the HUNT or PRESYNC states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com