Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 28Page - PMC-Sierra, Inc PM7347 Datasheet HTML 29Page - PMC-Sierra, Inc PM7347 Datasheet HTML 30Page - PMC-Sierra, Inc PM7347 Datasheet HTML 31Page - PMC-Sierra, Inc PM7347 Datasheet HTML 32Page - PMC-Sierra, Inc PM7347 Datasheet HTML 33Page - PMC-Sierra, Inc PM7347 Datasheet HTML 34Page - PMC-Sierra, Inc PM7347 Datasheet HTML 35Page - PMC-Sierra, Inc PM7347 Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
32
Document ID: PMC-1990267, Issue 3
8
Pin Diagram
The S/UNI-JET is packaged in a 256-pin SBGA package with a body size of 27 mm by 27 mm
and a pin pitch of 1.27 mm.
Quadrant A11/A20 to K11/K20
20
19
18
17
16
15
14
13
12
11
A VSS
VSS
VSS
TDATI[10] TDATI[14] D[1]
D[5]
VSS
A[3]
A[7]
A
B VSS
VDD
VDD
TDATI[9] TDATI[13] D[0]
D[4]
A[0]
A[2]
A[6]
B
C VSS
VDD
VDD
TDATI[7] TDATI[11] TDATI[15] D[2]
D[6]
A[1]
A[5]
C
D TDAT[3] TDAT[4]
TDAT[6]
NC
TDAT[8]
TDAT[12] VDD
D[3]
D[7]
A[4]
D
E TFCLK
TDAT[0]
TDAT[2]
TDAT[5]
E
F TADR[0] TADR[1]
TADR[2]
TDAT[1]
F
G TSOC
TPRTY
VDD
VDD
G
H BIAS
TCA
TENB
VDD
H
J VSS
NC
NC
DTCA
J
K VSS
NC
PHY_ADR[2] VDD
Bottom View
(Top Left)
K
20
19
18
17
16
15
14
13
12
11
Quadrant A1/A10 to K1/K10
10
98765
4
3
2
1
A VSS
VSS
ALE
INTB
TRSTB
TOHM/
TNEG
RCLK
VSS
VSS
VSS
A
B A[9]
A[10]
WRB
TDO
TCK
TCLK
NC
VDD
VDD
VSS
B
C A[8]
CSB
RSTB
TMS
TPOS/
TDATO
RLCV/
RNEG/
ROHM
NC
VDD
VDD
VSS
C
D VDD
RDB
TDI
VDD
RPOS/
RDATI
NC
BIAS
NC
NC
VSS
D
E
NC
VSS
VSS
VSS
E
FVSS
VSS
NC
NC
F
GVDD
NC
VSS
VSS
G
H
VSS
TOH
TOHCLK VSS
H
J
TOHINS
TOHFP ROH
ROHFP J
K
Bottom View
(Top Right)
ROHCLK VSS
VSS
NC
K
10
9
876
5
4
32
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com