Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 84 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 84 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 80Page - PMC-Sierra, Inc PM7347 Datasheet HTML 81Page - PMC-Sierra, Inc PM7347 Datasheet HTML 82Page - PMC-Sierra, Inc PM7347 Datasheet HTML 83Page - PMC-Sierra, Inc PM7347 Datasheet HTML 84Page - PMC-Sierra, Inc PM7347 Datasheet HTML 85Page - PMC-Sierra, Inc PM7347 Datasheet HTML 86Page - PMC-Sierra, Inc PM7347 Datasheet HTML 87Page - PMC-Sierra, Inc PM7347 Datasheet HTML 88Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
84
Document ID: PMC-1990267, Issue 3
DS27_53
The DS27_53 bit is used to select between the long data structure (27-byte words in 16-bit
mode and 53-byte words in 8-bit mode) and the short data structure (26-byte words in 16-bit
mode and 52-byte words in 8-bit mode) on the ATM interface. When DS27_53 is set to logic
one, the RXCP-50 and TXCP-50 blocks are configured to operate with the long data
structure; when DS27_53 is set to logic zero, the RXCP-50 and TXCP-50 are configured to
operate with the short data structure.
8KREFO
The 8KREFO bit is used, in conjunction with the PLCPEN bit in the SPLR Configuration
Register to select the function of the REF8KO/RPOHFP/RFPO/RMFPO[x] output pin. When
PLCPEN is logic one, the RPOHFP function will be selected and 8KREFO has no effect.
(Note: RPOHFP is inherently an 8kHz reference). If PLCPEN is logic zero and if 8KREFO
becomes logic one, then an 8 kHz reference will be derived from the RCLK[x] signal and
output on REF8KO. If 8KREFO and PLCPEN are both logic zero, then the RXMFPO
register bit in the S/UNI-JET Configuration 2 Register will select either the RFPO or RMFPO
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com