Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 49Page - PMC-Sierra, Inc PM7347 Datasheet HTML 50Page - PMC-Sierra, Inc PM7347 Datasheet HTML 51Page - PMC-Sierra, Inc PM7347 Datasheet HTML 52Page - PMC-Sierra, Inc PM7347 Datasheet HTML 53Page - PMC-Sierra, Inc PM7347 Datasheet HTML 54Page - PMC-Sierra, Inc PM7347 Datasheet HTML 55Page - PMC-Sierra, Inc PM7347 Datasheet HTML 56Page - PMC-Sierra, Inc PM7347 Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
53
Document ID: PMC-1990267, Issue 3
Pin Name
Type
Pin
No.
Function
NC[45]
NC[46]
NC[47]
NC[48]
NC[49]
NC[50]
NC[51]
NC[52]
No Connect
W4
W7
W10
Y4
Y6
Y7
Y9
Y10
These pins are No-Connects
Notes
1.
All S/UNI-JET inputs and bi-directionals present minimum capacitive loading and operate at TTL logic
levels.
2.
All S/UNI-JET outputs and bi-directionals have at least 3 mA drive capability. The data bus outputs,
D[7:0], have 3 mA drive capability. The FIFO interface outputs, RDAT[15:0], RPRTY, RCA, DRCA,
RSOC, TCA, and DTCA, have 12 mA drive capability. The outputs TCLK, TPOS/TDATO, TNEG/TOHM,
TPOHFP/TFPO/TMFPO/TGAPCLK, LCD/RDATO, RPOH/ROVRHD, RPOHCLK/RSCLK/RGAPCLK,
and REF8KO/RPOHFP/RFPO/RMFPO have 6 mA drive capability. All other outputs have 3 mA drive
capability.
3.
Inputs RSTB, ALE, TMS, TDI, and TRSTB have internal pull-up resistors.
4.
RSTB, TRSTB, TMS, TDI, TCK, REF8KI, TFCLK, RFCLK, TICLK, and RCLK are schmitt trigger input
pads.
5.
The VSS [59:1] ground pins are not internally connected together. Failure to connect these pins
externally may cause malfunction or damage the S/UNI-JET.
6.
The VDD[32:1] power pins are not internally connected together. Failure to connect these pins
externally may cause malfunction or damage the device. These power supply connections must all be
used and must all connect to a common +3.3 V or ground rail, as appropriate.
7.
During power-up and power-down, the voltage on the BIAS pin must be kept equal to or greater than
the voltage on the VDD [32:1] pins, to avoid damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com