Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 78 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 78 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 74Page - PMC-Sierra, Inc PM7347 Datasheet HTML 75Page - PMC-Sierra, Inc PM7347 Datasheet HTML 76Page - PMC-Sierra, Inc PM7347 Datasheet HTML 77Page - PMC-Sierra, Inc PM7347 Datasheet HTML 78Page - PMC-Sierra, Inc PM7347 Datasheet HTML 79Page - PMC-Sierra, Inc PM7347 Datasheet HTML 80Page - PMC-Sierra, Inc PM7347 Datasheet HTML 81Page - PMC-Sierra, Inc PM7347 Datasheet HTML 82Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
78
Document ID: PMC-1990267, Issue 3
Address
Register
349H
J2 FRMR Error/X-bit Interrupt Status
34AH-34BH
J2 FRMR Reserved
34CH
J2 TRAN Configuration
34DH
J2 TRAN Diagnostics
34EH
J2 TRAN TS97 Signaling
34FH
J2 TRAN TS98 Signaling
350H
RDLC Configuration
351H
RDLC Interrupt Control
352H
RDLC Status
353H
RDLC Data
354H
RDLC Primary Address Match
355H
RDLC Secondary Address Match
356H
RDLC Reserved
357H
RDLC Reserved
358H
TDPR Configuration
359H
TDPR Upper Transmit Threshold
35AH
TDPR Lower Interrupt Threshold
35BH
TDPR Interrupt Enable
35CH
TDPR Interrupt Status/UDR Clear
35DH
TDPR Transmit Data
35EH-35FH
TDPR Reserved
360H
RXCP-50 Configuration 1
361H
RXCP-50 Configuration 2
362H
RXCP-50 FIFO/UTOPIA Control & Config
363H
RXCP-50 Interrupt Enables and Counter Status
364H
RXCP-50 Status/Interrupt Status
365H
RXCP-50 LCD Count Threshold (MSB)
366H
RXCP-50 LCD Count Threshold (LSB)
367H
RXCP-50 Idle Cell Header Pattern
368H
RXCP-50 Idle Cell Header Mask
369H
RXCP-50 Corrected HCS Error Count
36AH
RXCP-50 Uncorrected HCS Error Count
36BH
RXCP-50 Received Cell Count LSB
36CH
RXCP-50 Received Cell Count
36DH
RXCP-50 Received Cell Count MSB
36EH
RXCP-50 Idle Cell Count LSB
36FH
RXCP-50 Idle Cell Count
370H
RXCP-50 Idle Cell Count MSB
371H-37FH
RXCP-50 Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com