Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 94 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 94 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 90Page - PMC-Sierra, Inc PM7347 Datasheet HTML 91Page - PMC-Sierra, Inc PM7347 Datasheet HTML 92Page - PMC-Sierra, Inc PM7347 Datasheet HTML 93Page - PMC-Sierra, Inc PM7347 Datasheet HTML 94Page - PMC-Sierra, Inc PM7347 Datasheet HTML 95Page - PMC-Sierra, Inc PM7347 Datasheet HTML 96Page - PMC-Sierra, Inc PM7347 Datasheet HTML 97Page - PMC-Sierra, Inc PM7347 Datasheet HTML 98Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
94
Document ID: PMC-1990267, Issue 3
LCDEN
The LCDEN bit enables the receive-out-of-cell-delineation indication to automatically
generate a FERF indication (RAI in G.751 or J2 mode) in the transmit stream. This bit
operates regardless of framer selected (DS3, E3, or J2) but only in ATM mode. When
LCDEN is logic one, assertion of the LCD indication by the receive FIFO causes a
FERF/RAI to be transmitted by the transmitter for the duration of the LCD assertion. When
LCDEN is logic zero, assertion of the LCD indication does not cause transmission of a
FERF/RAI. Note: For the RAI to be automatically transmitted when in J2 format, the
FEAC[5:0] bits in the XBOC Code Register must all be set to logic one. If the XBOC FEAC
code is to be transmitted in J2 mode, LOSEN, OOFEN, AISEN, and LCDEN should all be set
to logic zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com