Electronic Components Datasheet Search
  English  ▼

X  

PM7347 Datasheet(PDF) 38 Page - PMC-Sierra, Inc

Part # PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Datasheet(HTML) 38 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 34Page - PMC-Sierra, Inc PM7347 Datasheet HTML 35Page - PMC-Sierra, Inc PM7347 Datasheet HTML 36Page - PMC-Sierra, Inc PM7347 Datasheet HTML 37Page - PMC-Sierra, Inc PM7347 Datasheet HTML 38Page - PMC-Sierra, Inc PM7347 Datasheet HTML 39Page - PMC-Sierra, Inc PM7347 Datasheet HTML 40Page - PMC-Sierra, Inc PM7347 Datasheet HTML 41Page - PMC-Sierra, Inc PM7347 Datasheet HTML 42Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
38
Document ID: PMC-1990267, Issue 3
Pin Name
Type
Pin
No.
Function
TPOHINS
Input
V14
The Transmit Path Overhead Insertion (TPOHINS)
controls the insertion of PLCP overhead octets on the
TPOH input. When TPOHINS is logic one, the
associated overhead bit in the TPOH stream is inserted
in the transmit PLCP frame. When TPOHINS is logic
zero, the PLCP path overhead bit is generated and
inserted internally.
TPOHINS is sampled on the rising edge of TPOHCLK.
Note: When operating in G.751 E3 PLCP mode, bits 8, 7,
and 6 of the C1 octet should not be manipulated.
TPOH
TDATI
Input
Y15
The Transmit PLCP Overhead Data (TPOH) valid when
the FRMRONLY bit in the S/UNI-JET Configuration 1
Register is logic zero. TPOH contains the PLCP path
overhead octets (Zn, F1, B1, G1, M1, M2, and C1) which
may be inserted in the transmit PLCP frame. The octet
data on TPOH is shifted in order from the most
significant bit (bit 1) to the least significant bit (bit 8).
TPOH is sampled on the rising edge of TPOHCLK.
The Framer Transmit Data (TDATI) contains the serial
data to be transmitted when the S/UNI-JET is configured
as a DS3, E3, or J2 framer device for non-ATM
applications by setting the FRMRONLY bit in the S/UNI-
JET Configuration 1 Register.
TDATI is sampled on the rising edge of TICLK if the
TXGAPEN register bit in the S/UNI-JET Configuration 2
Register is logic zero. If TXGAPEN is logic one, then
TDATI is sampled on the falling edge of TGAPCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com