Electronic Components Datasheet Search
  English  ▼

X  

405EZ Datasheet(PDF) 12 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 12 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 8Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 9Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 10Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 11Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 12Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 13Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 14Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 15Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 16Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
12
AMCC Proprietary
Revision 1.27 - August 22, 2007
Preliminary Data Sheet
• Loopback controls for isolating communications link faults
• Break, parity, overrun, framing error simulation
• OPB interface with optional DMA support
IIC Bus Interface
The Inter-Integrated Circuit (IIC) interface provides a Philips I2C® compatible interface operating up to 400kHz
either as a master, a slave, or both with a bootstrap controller (BSC) included. During chip reset, the bootstrap
controller can read configuration data from an IIC compatible memory device (e.g., EEPROM). This data can be
used to replace the default configuration settings provided by the chip.
Features include:
• One IIC channel
• Compliant with Philips Semiconductors I2C Specification, dated 1995
• 100 kHz or 400 kHz operation
•8-bit data
• 10- or 7-bit address
• Slave Transmit and Receive
• Master Transmit and Receive
• Multiple bus masters supported
• Programmable as master, slave, or master/slave
• Boot parameters read from IIC attached memory with IIC bootstrap controller
• 32-bit OPB slave interface
Serial Peripheral Interface (SPI/SCP)
The Serial Peripheral Interface (SPI) (also known as the Serial Communications Port or SCP) is a full-duplex,
synchronous, character-oriented (byte) port that allows the exchange of data with other serial devices. The SPI is a
master on the serial port supporting a 3-wire interface (receive, transmit, and clock), and is a slave on the OPB.
Features include:
• One SPI/SCP channel, full duplex synchronous
• SPI/SCP master
• Up to 40 MHz
• Programmable internal loopback capabilities
• Multi-master protocol supported
• Independent masking of all interrupts (master collision, transmit FIFO overflow, transmit FIFO empty, receive
FIFO full, receive FIFO underflow, receive FIFO overflow)
• Dynamic control of serial bit rate of data transfer (serial-master mode only)
• Data Item size for each data transfer under programmer control (4-to-16 bits)
• Boot from SPI supported
• 32-bit OPB slave interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com