Electronic Components Datasheet Search
  English  ▼

X  

405EZ Datasheet(PDF) 38 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 38 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 34Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 35Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 36Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 37Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 38Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 39Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 40Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 41Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 42Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
38
AMCC Proprietary
Revision 1.27 - August 22, 2007
Preliminary Data Sheet
External Peripheral Interface
CRAM_AdV
Address valid signal for PSRAM/CRAM support.
O
3.3V LVTTL
CRAM_Clk
PerClk gated for PSRAM/CRAM support.
O
3.3V LVTTL
PerAddr04:31
Memory address bus 4:31.
O
3.3V LVTTL
BusReq
External PLB bus request.
O
3.3V LVTTL
PerClk
Clock output.
O
3.3V LVTTL
PerCS0:7
Chip selects 0:7.
O
3.3V LVTTL
PerData00:31
Memory data bus 0:31.
I/O
3.3V LVTTL
5
PerOE
Output enable.
O
3.3V LVTTL
PerReady
Wait for PSRAM/CRAM support.
I
3.3V LVTTL
PerRW
Read/Write.
O
3.3V LVTTL
PerWBE0:3
Write bus enable 0:3.
O
3.3V LVTTL
DMAAck
External DMA peripheral acknowledge.
O
3.3V LVTTL
DMAEOT/TC
External DMA peripheral end-of-transmission/terminal count.
I/O
3.3V LVTTL
5
DMAReq
External peripheral DMA request.
I
3.3V LVTTL
5
HoldReq
External request for bus access.
I
3.3V LVTTL
HoldAck
External request acknowledge.
O
3.3V LVTTL
HoldPri
External bus request priority.
I
3.3V LVTTL
NAND Flash Interface
NFALE
Address latch enable.
O
3.3V LVTTL
NFCE0:3
Cchip selects 0:3.
O
3.3V LVTTL
NFCLE
Command latch enable.
O
3.3V LVTTL
NFData0:7
Data bits 0:7
I/O
3.3V LVTTL
NFRB
Read/Busy. If low, indicates that Read/Erase command is in process.
If high, indicates that the command is complete.
I
3.3V LVTTL
NFRE
Read enable.
O
3.3V LVTTL
NFWE
Write enable.
O
3.3V LVTTL
Serial Peripheral Interface
SPI_ClkOut
Serial peripheral interface clock.
O
3.3V LVTTL
SPI_DI
Master and slave input.
I
3.3V LVTTL
5
SPI_DO
Master and slave output.
O
3.3V LVTTL
SPI_SS0:3
Slave Select 0:3.
O
3.3V LVTTL
SPI_SS_In
Slave Select Input for multi-master collision detection.
I
3.3V LVTTL
Table 6. Signal Functional Description (Sheet 4 of 6)
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com