Electronic Components Datasheet Search
  English  ▼

X  

405EZ Datasheet(PDF) 45 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 45 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 41Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 42Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 43Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 44Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 45Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 46Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 47Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 48Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 49Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
Revision 1.27 - August 22, 2007
AMCC Proprietary
45
Preliminary Data Sheet
Figure 3. Clocking Waveform
Table 13. System Clocking Specifications
Symbol
Parameter
Min
Max
Units
CPU
PFC
Processor clock frequency (must be
≥ SCF
C)
133.33
416
MHz
SysClk Input
SCFC
Frequency
33.33
100
MHz
SCTCS
Edge stability (phase jitter, cycle to cycle)
na
± 0.1
ns
SCTCH
Input high time
0.6
na
ns
SCTCL
Input low time
0.6
na
ns
SCRT
Rise time
na
0.4
ns
Note: Input slew rate = 1V/ns
TrcClk Output
TCFC
Clock output frequency
PFC/2
MHz
TCTCS
Clock edge stability (phase jitter, cycle to cycle)
± 0.2
ns
Other Clocks
VCOFC
VCO frequency
600
1333.33
MHz
PLBFC
PLB frequency
33
166
MHz
OPBFC
OPB frequency
33
83
MHz
TCL
TCH
TC
2.0V
1.5V
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com