Electronic Components Datasheet Search
  English  ▼

X  

405EZ Datasheet(PDF) 17 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 17 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 13Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 14Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 15Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 16Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 17Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 18Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 19Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 20Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 21Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
Revision 1.27 - August 22, 2007
AMCC Proprietary
17
Preliminary Data Sheet
Signal Lists
The following table lists all the external signals in alphabetical order and shows the ball (pin) number on which the
signal appears. Multiplexed signals are shown with the default signal (following reset) not in brackets and the
alternate signal in brackets. Multiplexed signals appear alphabetically multiple times in the list—once for each
signal name on the ball. The Page column indicates the page within the table “Signal Functional Description” on
page 35 on which the signals in the indicated interface group begin.
Table 3. Signals Listed Alphabetically (Sheet 1 of 11)
Signal Name
Ball
Interface Group
Page
ADC_AGND
AB07
Power
40
ADC_AVDD
AB08
ADC_In0
T01
Analog to Digital Converter (ADC)
37
ADC_In1
U01
ADC_In2
W01
ADC_In3
Y01
ADC_In4
AA01
ADC_In5
AB02
ADC_In6
AB03
ADC_In7
AB04
ADC_InTrig[TS6][GPIO109]
U04
ADC_VRef
AB06
BusReq[GPIO007]
D20
External Peripheral
38
CAN0_Rx
C02
Controller Area Network
37
CAN0_Tx
B03
CAN0_TxE
C01
CAN1_Rx
C04
CAN1_Tx
B04
CAN1_TxE
A03
CRAM_AdV[GPIO010]
B22
External Peripheral
38
CRAM_Clk[GPIO008]
F19
DAC_AGND
A07
Power
40
DAC_AVDD
A08
DAC_CRef
B08
Digital to Analog Converter (DAC)
37
DAC_GRef
B07
DAC_IOutP
A06
DAC_IPTrig[TS5][GPIO108]
C08
DAC_IRRef
B09
DAC_VRef
B06
DebugEn
C17
System
49
DMAAck[GPIO027]
A19
External Peripheral
38
DMAEOT/TC[GPIO026]
A20
DMAReq[GPIO025]
C19
EMCCOL
U02
Ethernet
35
EMCCRS
J04
EMCMDC
R03
EMCMDIO
N03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com