Electronic Components Datasheet Search
  English  ▼

X  

405EZ Datasheet(PDF) 44 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 44 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 40Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 41Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 42Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 43Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 44Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 45Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 46Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 47Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 48Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
44
AMCC Proprietary
Revision 1.27 - August 22, 2007
Preliminary Data Sheet
Test Conditions
Clock timing and switching characteristics are specified in accordance with minimum
operating conditions shown in the table “Recommended DC Operating Conditions” on
page 43. For all signals, AC specifications are characterized at TC = 85°C with the 50pF
test load shown in the figure to the right.
Table 11. Typical DC Power Supply Requirements
Frequency (MHz)
+1.5V Supply
+3.3V Supply
Total
Unit
Notes
166
0.81
0.24
1.05
W
1
266
0.97
0.25
1.22
W
1
333
1.13
0.29
1.42
W
2
416
1.2
0.28
1.48
W
3
Table 12. DC Power Supply Loads
Parameter
Symbol
Typical
Maximum
Unit
Notes
VDD (+1.5V) active operating current
IDD
425
815
mA
1
OVDD (+3.3V) active operating current
IODD
60
95
mA
1
AVDD (+1.5V) active operating current
IADD
20
35
mA
1
ADC_AVDD (3.3V) ADC input current
IADCDD
78
mA
1
DAC_AVDD (3.3V) DAC input current
IDACDD
78
mA
1
Notes:
1. Typical and Maximum values are estimates and subject to change.
Output
Pin
50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com