Electronic Components Datasheet Search
  English  ▼

X  

405EZ Datasheet(PDF) 43 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 43 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 39Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 40Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 41Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 42Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 43Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 44Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 45Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 46Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 47Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
Revision 1.27 - August 22, 2007
AMCC Proprietary
43
Preliminary Data Sheet
Table 9. Recommended DC Operating Conditions
Device operation beyond the conditions specified is not recommended. Extended operation beyond the recommended
conditions can affect device reliability.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Logic Supply Voltage
VDD
+1.425
+1.5
+1.575
V
I/O Supply Voltage (for non-EBC I/O)
OVDD1
+3.0
+3.3
+3.6
V
I/O Supply Voltage (for EBC I/O)
OVDD2
+3.0
+3.3
+3.6
(see Note 1)
V1
PLL Analog Supply Voltage
PLL_AVDD
+1.4
+1.5
+1.6
V
ADC Analog Supply Voltage
ADC_AVDD
+3.135
+3.3
+3.465
V
DAC Analog Supply Voltage
DAC_AVDD
+3.135
+3.3
+3.465
V
I/O Input Low (3.3V LVTTL)
VIL
0+0.8
V
I/O Input High (3.3V LVTTL)
VIH
+2.0
+3.6
V
I/O Output Low (3.3V LVTTL)
VOL
0+0.4
V
I/O Output High (3.3V LVTTL)
VOH
+2.4
+3.6
V
I/O High (USB, 5V tolerant)
VOH
+2.8
V
I/O Low (USB, 5V tolerant)
VOL
+0.3
V
I/O Input High (IIC)
VIH
0.7OVDD
OVDD + 0.3
V
I/O Input Low (IIC)
VIL
−0.3
+0.3OVDD
V
I/O Output High (IIC)
VIH
V
I/O Output Low (IIC)
VOL
0+0.4
V
Input Leakage Current
(no pull-up or pull-down)
IIL1
00
μA
Input Leakage Current
(with internal pull-down)
IIL2
0200
μA
I/O Maximum Allowable Overshoot
(3.3V LVTTL)
VMAO
+3.9
V
I/O Maximum Allowable Undershoot
(3.3V LVTTL)
VMAU
−0.6
V
Case Temperature
TC
−40
+105
°C
Notes:
1. When using CRAM or PSRAM memory on the EBC interface, this voltage must be limited to a maximum of +3.3V. This is a limitation
imposed by the CRAM/PSRAM devices, not the PPC405EZ.
Table 10. Input Capacitance
Parameter
Symbol
Maximum
Unit
Notes
3.3V LVTTL I/O
CIN1
1.9
pF
USB 5V Tolerant I/O
CIN2
3.2
pF
IIC I/O
CIN3
5.8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com