| Electronic Components Datasheet Search |
|
405EZ Datasheet(PDF) 6 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
405EZ Datasheet(HTML) 6 Page - Applied Micro Circuits Corporation |
|
6 / 54 page ![]() PPC405EZ – PowerPC 405EZ Embedded Processor 6 AMCC Proprietary Revision 1.27 - August 22, 2007 Preliminary Data Sheet Address Maps The PPC405EZ incorporates two address maps. The first address map defines the possible use of addressable memory regions that the processor can access. The second address map defines Device Configuration Register (DCR) addresses (numbers). The DCRs are accessed by software running on the PPC405EZ processor through the use of mtdcr and mfdcr instructions. Table 1. System Memory Address Map (4GB System Memory) Function Subfunction Start Address End Address Size General Use 0x 0000 0000 0x DFFF FFFF 3.7GB Reserved 0x E000 0000 0x EF60 02FF UART 0 Registers 0x EF60 0300 0x EF60 03FF 256B UART 1 Registers 0x EF60 0400 0x EF60 04FF 256B IIC Registers 0x EF60 0500 0x EF60 05FF 256B OPB Arbiter Registers 0x EF60 0600 0x EF60 06FF 256B GPIO 0 Controller Registers 0x EF60 0700 0x EF60 07FF 256B GPIO 1 Controller Registers 0x EF60 0800 0x EF60 08FF 256B EMAC Registers 0x EF60 0900 0x EF60 09FF 256B Reserved 0x EF60 0A00 0x EF60 0FFF CAN 0 Registers 0x EF60 1000 0x EF60 17FF 2KB CAN 1 Registers 0x EF60 1800 0x EF60 1FFF 2KB Chameleon Timer Registers 0x EF60 2000 0x EF60 27FF 2KB IEEE 1588 Sync Controller Registers 0x EF60 2800 0x EF60 2FFF 2KB USB 1.1 Host Registers 0x EF60 3000 0x EF60 31FF 512B Reserved 0x EF60 3200 0x EF60 32FF DAC Registers 0x EF60 3300 0x EF60 33FF 256B ADC Registers 0x EF60 3400 0x EF60 34FF 256B Serial Communication Port Registers 0x EF60 3500 0x EF60 35FF 256B Reserved 0x EF60 3600 0x EF63 FFFF USB 1.1 Device Registers 0x EF64 0000 0x EF67 FFFF 262KB Reserved 0x EF68 0000 0x FFDF FFFF Boot Address Range 0x FFE0 0000 0x FFFF FFFF 2 MB Notes: 1. If peripheral bus boot is selected, peripheral bank 0 is automatically configured at reset to the address range listed above. 2. After the boot process, software may reassign the boot memory regions for other uses. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |